Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P115GR300C500D1 Datasheet(PDF) 4 Page - CTS Corporation

Part # P115GR300C500D1
Description  Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

P115GR300C500D1 Datasheet(HTML) 4 Page - CTS Corporation

  P115GR300C500D1 Datasheet HTML 1Page - CTS Corporation P115GR300C500D1 Datasheet HTML 2Page - CTS Corporation P115GR300C500D1 Datasheet HTML 3Page - CTS Corporation P115GR300C500D1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RESIST
TOLERANCE
A – ±10%
B – ±20%
D –
±5%
LOCATING
LUG
3 – NONE
SHAFT
LENGTH
00 – NO SHAFT
SHAFT TRIM
C – CROSS
C – SLOT
SERIES MOUNTING
DESIGNATION
115
– PC MOUNT
P115 – TWIST TAB
116
– EAR
117
– RIVET EAR
TERMINAL STYLE
J – INSULATED
CONSTRUCTION
G – GROUNDED
CONSTRUCTION
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
2.5M-6-99
I
Ordering Information
115
G
P
3
00
C
103
B
1
TAPER
1 – LINEAR
MOUNTING
STYLE
BUSHING:
T – TWIST TAB
P – PC
E – EAR
R – RIVET EAR
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
100
10 OHMS
500
50
101
100
501
500
102
1K
252
2.5K
502
5K
103
10K
203
20K


Similar Part No. - P115GR300C500D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P115 ETC2-P115 Datasheet
47Kb / 2P
   KNOBS AND DIAL PLATES
logo
Sensata Technologies, I...
P115 SENSATA-P115 Datasheet
297Kb / 4P
   MINITACTORTM
logo
Axiomtek Co., Ltd.
P1153-822 AXIOMTEK-P1153-822 Datasheet
372Kb / 2P
   Supports dimming control
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
   Supports dimming control
P1157E-500 AXIOMTEK-P1157E-500 Datasheet
358Kb / 2P
   15 XGA TFT Expandable Industrial Touch Panel Computer with 7th/6th Gen
More results

Similar Description - P115GR300C500D1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com