Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I74F50728N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # I74F50728N
Description  Synchronizing cascaded dual positive edge-triggered D-type flip-flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

I74F50728N Datasheet(HTML) 5 Page - NXP Semiconductors

  I74F50728N Datasheet HTML 1Page - NXP Semiconductors I74F50728N Datasheet HTML 2Page - NXP Semiconductors I74F50728N Datasheet HTML 3Page - NXP Semiconductors I74F50728N Datasheet HTML 4Page - NXP Semiconductors I74F50728N Datasheet HTML 5Page - NXP Semiconductors I74F50728N Datasheet HTML 6Page - NXP Semiconductors I74F50728N Datasheet HTML 7Page - NXP Semiconductors I74F50728N Datasheet HTML 8Page - NXP Semiconductors I74F50728N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74F50728
Synchronizing cascaded dual positive
edge-triggered D-type flip-flop
September 14, 1990
5
FUNCTION TABLE
INTERNAL
OUTPUTS
INPUTS
REGISTER
OUTPUTS
OPERATING MODE
SDn
RDn
CPn
Dn
Q
Qn
Qn
L
H
X
X
H
H
L
Asynchronous set
H
L
X
X
L
L
H
Asynchronous reset
L
L
X
X
X
H
H
Undetermined*
H
H
h
h
H
L
Load ”1”
H
H
l
l
L
H
Load ”0”
H
H
L
X
NC
NC
NC
Hold
NOTES:
H = High voltage level
h
= High voltage level one setup time prior to low–to–high
clock transition
L
= Low voltage level
l
= Low voltage level one setup time prior to low–to–high
clock transition
NC= No change from the previous setup
X = Don’t care
*
= This setup is unstable and will change when either set of
reset return to the high–level
↑ = Low–to–high clock transition.
** = Data entering the flip–flop requires two clock cycles to
arrive at the output (see logic diagram)
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
40
mA
Tamb
Operating free air temperature range
Commercial range
0 to +70
°C
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.4
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–3
mA
IOL
Low–level output current
20
mA
Tamb
Operating free air temperature range
Commercial range
0
+70
°C
Industrial range
–40
+85
°C


Similar Part No. - I74F50728N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
I74F50729D PHILIPS-I74F50729D Datasheet
94Kb / 12P
   Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
I74F50729N PHILIPS-I74F50729N Datasheet
94Kb / 12P
   Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
More results

Similar Description - I74F50728N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com