Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

270T820R501A1A1 Datasheet(PDF) 6 Page - CTS Corporation

Part # 270T820R501A1A1
Description  Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

270T820R501A1A1 Datasheet(HTML) 6 Page - CTS Corporation

  270T820R501A1A1 Datasheet HTML 1Page - CTS Corporation 270T820R501A1A1 Datasheet HTML 2Page - CTS Corporation 270T820R501A1A1 Datasheet HTML 3Page - CTS Corporation 270T820R501A1A1 Datasheet HTML 4Page - CTS Corporation 270T820R501A1A1 Datasheet HTML 5Page - CTS Corporation 270T820R501A1A1 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MOUNTING STYLE
BUSHING LENGTH:
1/8" (3.2MM)
INCREMENTS
EXAMPLES:
2 – .250" (6.35MM)
3 – .375" (9.5MM)
8 – 1.000" (25.4MM)
1 – TWIST TAB MOUNT
BUSHING MOUNT SUPPLIED
WITH LOCATING LUG
LEFT SIDE TERMINALS DOWN
SHAFT LENGTH
From Mounting Surface
1/32" (0.8mm) Increments
Examples:
Metal Shafts
20 – .625" (15.9MM)
24 – .750" (19.1MM)
28 – .875" (22.2MM)
32 – 1.000" (25.4MM)
Moulded Shafts
Limited Lengths Available,
See Shaft Trim selection
16 – Shaft U,.500" (12.7MM)
28 – Shaft V,.875" (22.2MM)
32 – Shaft W,.1.0" (25MM)
TERMINAL STYLE
T – SOLDER LUG
X – PC*
U – FORMED
TO FRONT
V – FORMED
TO REAR
W– FORMED
TO REAR
Order From:
CTS CORPORATION, RESISTOR/ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
03/00
I
Ordering Information
270/275
T
2
20
R
103
B
1
A
1
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
SWITCH TYPE
A – NONE
B – SPST ROTARY
SHAFT TRIM
A – .125" DIAM. ROUND BRASS
B – .125" DIAM. FLAT BRASS
C – .125" DIAM. SD SLOT BRASS
R – .156" DIAM. ROUND BRASS
F – .156" DIAM. FLAT BRASS
S – .156" DIAM. SD SLOT BRASS
G – .187" DIAM. ROUND BRASS
H – .187" DIAM. FLAT BRASS
J – .187" DIAM. SD SLOT BRASS
X – .236" DIAM. ROUND BRASS
L – .236" DIAM. FLAT BRASS
M – .236" DIAM. SD SLOT BRASS
N – .236" DIAM. SK BRASS
P – .250" DIAM. ROUND BRASS
D – .250" DIAM. FLAT BRASS
E – .250" DIAM. SD SLOT BRASS
T – .250" DIAM. SK BRASS
U – .187" DIAM. .500" FMS SK MOLDED
V – .187" DIAM. .875" FMS FLAT MOLDED
W– .236" DIAM. .984" FMS FLATTED
(.472" X .177") MOLDED
K – .236" DIAM. .500" FMS SK MOLDED
(SWITCH ONLY)
TAPER
1 – LINEAR
2 – 10% AUD
3 – 10% CCW
AUD
SPECIALS
1 – NONE
2 – 50% DETENT
4 – LOCATING LUG
FOR RIGHT SIDE
5 – NO LOCATING LUG
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
*BX construction and terminal length
supplied unless otherwise specified
DIMENSION:
MM
INCH
T057-C2-270 Solder Lug Terminal SPST Switch, Solder Lug Terminals, Concentric Metal Shafts, Bushing Mount
NOTES: 275 series available in “X” and “U” style PC
Terminals only.
.125” dia. & .156” dia. shaft thickness is .109”.
.187” dia. shaft flat thickness is .156”.
.236” dia. shaft flat thickness is .177”.
.250” dia. shaft flat thickness is .156”.


Similar Part No. - 270T820R501A1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
270T820R501A1A CTS-270T820R501A1A Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
More results

Similar Description - 270T820R501A1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
   Commercial Miniature 16mm Size Rotary Encoder
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com