Electronic Components Datasheet Search |
|
752105101GTR Datasheet(PDF) 5 Page - CTS Corporation |
|
752105101GTR Datasheet(HTML) 5 Page - CTS Corporation |
5 / 6 page 36 CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s SPB 37 CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s SPB Tape & Reel 742C043 742C083 742C163 743C043 743C083 744C043 744C083 745C101 745X101 746X101 742X083 745C102 745X102 Parts/Reel 5000 5000 4000 4000 4000 4000 4000 4000 4000 5000 Pitch 4mm 4mm 4mm 4mm 4mm 4mm 8mm 4mm 4mm 4mm Carrier Width 8mm 8mm 12mm 8mm 12mm 8mm 12mm 12mm 12mm 8mm Material paper paper plastic plastic plastic plastic plastic plastic plastic paper Reel diameter 7 " 7 " 7 " 7 " 7 " 7 " 7 " 7 " 7 " 7 " Tape & Reel TR1 TR2 Parts/reel 5000 STD 2000 STD 1000 min. 1000 min. Tape width 24mm 24mm Tape pitch 4mm 12mm Reel diameter 13 " 13 " Standar d Pac kaging Series 770 Bulk Pack All Products 250 Parts/Bag Slide Pack Tube Length = 457mm/18 in Series 752 Series 766/767/768 Network 8 Pin 14 Pin 16 Pin 14 Pin 16 Pin 20 Pin Package 766 766 766 767/768 767/768 768 Tape & Reel Tape width 12mm 16mm 16mm 24mm 24mm 24mm Tape pitch 8mm 8mm 8mm 12mm 12mm 12mm Reel diameter 13 " 13 " 13 " 13 " 13 " 13 " #parts/reel* 3,000 3,000 3,000 2,000 2,000 2,000 Reel diameter 7 " 7 " 7 " #parts/reel* 800 800 800 Slide Packs Tube length 20 " 20 " 20 " 20 " 20 " 20 " #parts/slide pac* 99ii 56ii 49ii 48ii 43ii 35ii *nominal full reels or slide packs Bar Coding Available Bar coding of reel and boxes available on request. CTS normally uses code configuration 39 in accordance with (AIM) USS 39 symbol specification. Outer container marketing per EIA-556. Tape & Reel Specifications per EIA-481-2 Carrier Tape: Resistivity <1 X105 ohm/sq. Cover Tape: Antistatic .004 max. Reels: Molded plastic Cover Tape Pull: 30 To 130 gr. Slide Pacs: Antistatic DIRECTION OF FEED DIRECTION OF FEED Tape & Reel TR1 TR2 Parts/reel 5000 STD 2000 STD 1000 min. 1000 min. Tape width 16mm 16mm Tape pitch 4mm 8mm Reel diameter 13 " 13 " Series 753 DIRECTION OF FEED Series 752, 753, 766, 767, 768 # Pins 4 5 6 7 8 9 10 11 12 Qty/Tube 50 40 32 28 24 22 19 18 16 Series 742,743,744,745, 746 Bulk Pack 250 parts/bag Bulk Pack 250 parts/bag |
Similar Part No. - 752105101GTR |
|
Similar Description - 752105101GTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |