Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5684F3 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5684F3
Description  PC Board Quad Array T-1 LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5684F3 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5684F3 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5684F Series PC Board Quad Array T-1 LEDs
1-162
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
POLY E S T E RUL94V -0
MAT 'L: B LAC K T HE R MOP LAS T IC
HOLDE R
LE D (4)
.140
.580
.260
.200
.070
.350
.270
.090
.130
.240
ANODE (+)
All dimensions in inches.
583
565
602
635
3.0
3.0
3.0
3.0
2.2
2.3
2.2
2.2
5.0
5.0
5.0
5.0
25
25
25
25
10
8.5
6.5
10
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Typ.
Intens ity
(mcd)
Revers e
Breakdown
Voltage Min.(V)
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5684F 1
5684F 3
5684F 5
5684F 7
10
10
10
10
Rated
Current
(mA)
7
Yellow
5
Green
1
Red
LE D
3
Amber
Model No. is as follows : 5684F
;
;
;
Example: P os ition 1 is green, pos ition 2 is red, pos ition 3 is yellow, pos ition 4 is amber. T he part number is 5684F 5;1;7;3.
Ordering Information: Us e chart below to determine model number.
Pos . 1
P os . 2
Features :
•4 T -1 LE Ds mounted in s ingle block
•High dens ity - only 0.26 wide
•B lack plas tic mounting block for high
contras t ratio.
•Meets UL 94V -O and B ellcore flammability
specifications .
Available options :
•Low current, 5V and 12V built-in res istors.
•B i-color and blue LE Ds als o offered.
•C all factory for ordering information.
•Mountinghole pattern on page 1-X 4.
Pos . 3
Pos . 4
Pos #1
Pos #3
Pos #2
Pos #4


Similar Part No. - 5684F3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5684F3 VCC-5684F3 Datasheet
98Kb / 1P
   PC Board Quad Array T-1 LEDs
More results

Similar Description - 5684F3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5684F VCC-5684F Datasheet
98Kb / 1P
   PC Board Quad Array T-1 LEDs
5693F-A VCC-5693F-A Datasheet
93Kb / 1P
   PC Board, 3-Up T-1 LEDs
logo
Chicago Miniature Lamp,...
5693F-A CML-5693F-A Datasheet
63Kb / 1P
   PC Board, 3-Up T-1 LEDs
5693F1 CML-5693F1 Datasheet
27Kb / 1P
   PC Board, 3-Up T-1 LEDs
logo
List of Unclassifed Man...
H104CSRD ETC2-H104CSRD Datasheet
380Kb / 2P
   T-1 (3MM) 90 SINGLE LEVEL QUAD-STATION ARRAY
logo
Gilway Technical Lamp
E21 GILWAY-E21 Datasheet
129Kb / 3P
   T-1 and T-1 3/4, Infrared LEDs
logo
Everlight Electronics C...
204GT EVERLIGHT-204GT Datasheet
60Kb / 4P
   3mm Round Standard LEDs, T-1
logo
Chicago Miniature Lamp,...
CMD333UWC CML-CMD333UWC Datasheet
58Kb / 1P
   T-1 3/4 White LEDs
logo
Gilway Technical Lamp
E480 GILWAY-E480 Datasheet
506Kb / 2P
   T-1 and T-1 3/4 Ultra Bright Blue LEDs
logo
Visual Communications C...
6321F VCC-6321F Datasheet
105Kb / 1P
   T-1 Circuit Board Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com