Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

752095101FTR Datasheet(PDF) 1 Page - CTS Corporation

Part # 752095101FTR
Description  Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

752095101FTR Datasheet(HTML) 1 Page - CTS Corporation

  752095101FTR Datasheet HTML 1Page - CTS Corporation 752095101FTR Datasheet HTML 2Page - CTS Corporation 752095101FTR Datasheet HTML 3Page - CTS Corporation 752095101FTR Datasheet HTML 4Page - CTS Corporation 752095101FTR Datasheet HTML 5Page - CTS Corporation 752095101FTR Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
±0.05
±0.002
0.05
0.002
PART NO. CTS DATE
"A"
±0.12
±0.005
2.03
0.080
±0.12
±0.005
2.41
0.095
PAD #1 MARK
SEATING
PLANE
1.27 TYP.
0.050
1.52 Ref
0.060
±0.12
±0.005
0.64
0.025
How to Order
Series 752 Products
Application specific custom
products are marked with either a
customer part number or a
non-descriptive CTS part number.
Send documentation to a CTS
Sales Office giving schematic,
resistor values and tolerance,
and other non-standard
information. See pages 24-25
for application notes.
NOTE: No dashes or spaces to appear in part number.
Example: 752163101GTR
See page 33 for part marking information.
16
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s
752B
17
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s 752B
Input/Outputs ”A” Dim.
SRT
mm
in.
8
11.81 ±0.12
0.465 ±0.005
9
13.08 ±0.12
0.515 ±0.005
10
14.35 ±0.12
0.565 ±0.005
12
16.89 ±0.12
0.665 ±0.005
DRT
mm
in.
16
11.81 ±0.12
0.465 ±0.005
18
13.08 ±0.12
0.515 ±0.005
20
14.35 ±0.12
0.565 ±0.005
24
16.89 ±0.12
0.665 ±0.005
±0.05
±0.002
0.05
0.002
PART NO. CTS DATE
"A"
1.27 TYP.
0.050
1.52 Ref
0.060
±0.12
±0.005
0.64
0.025
±0.12
±0.005
2.03
0.080
±0.12
±0.005
2.41
0.095
SEATING
PLANE
PAD #1 MARK
PAD #1
In-Line Surface Mount Resistor Products
• High density packaging
• Low profile
• Input/outputs available:
Dual Row Terminations - 16, 18, 20, 24
Single Row Terminations - 8, 9, 10, 12
• Nickel barrier solder-coated pads
• Designed for visual inspection of solder joints
• Designed for board cleaning
• 24mm tape & reel packaging
• Application specific circuits are available
• Compatible with all solder processes
Wave, IR reflow, Vapor phase reflow
Resistance Range:
Standard: 10
Ω to 1 MegΩ
Resistance Tolerance:
Standard: ±2% or 0.5
Ω (whichever is greater)
Special: ±1% or 0.3
Ω (whichever is greater)
Maximum Operating Voltage:
25V not to exceed rated power
Temperature Coefficient:
Standard: ±200PPM/°C
Special: ±100PPM/°C
(33
Ω to 1 MegΩ)
Dielectric Strength:
100 VAC
Operating Temperature Range:
-55°C to +125°C
Power Rating (Total Network Power):
Number of input/outputs (watts)
SRT
8
9
10
12
DRT
1618
2024
@25°C 1.2
1.3
1.4
1.7
1.4 1.5 1.6 2.0
@70°C 0.8 0.85 0.9
1.1
0.9 0.95 1.0 1.3
Maximum Resistor Power:
(Not to Exceed Total Network Power)
Bussed & Dual
Isolated
Terminator Schematic
Schematic
@25°C
0.12w
0.24w
@70°C
0.08w
0.16w
Surface Mount Ser ies 752
Single Row Termination (SRT)
Dual Row Termination (DRT)
Dimensions are mm/in.
752
16
3
101
G
TR
Series 752
Resistor Code
See Page 32
Schematic 5
Tolerance
Schematic Schematic
1 & 3
5
J= ±5%
All 5 schematic
G= ±2%
products are
F= ±1%
2% tolerance.
D= ±1/2%
(not marked)
Schematic
1 Bussed
3 Isolated
5 Dual Terminator
Packaging - TR - Tape & Reel
B - Bulk (see page 36)
Input/Outputs
SRT
DRT
08
16
09
18
10
20
12
24
Bussed DRT Schematic 1
N
N - 1
12
N/2 + 1
N/2
Isolated DRT Schematic 3
N
N - 1
12
N/2 + 1
N/2
Bussed SRT Schematic 1
1N
Dual Terminator SRT Schematic 5
1N
R1
R1
R2
R1
R2
R2
Isolated SRT Schematic 3
1N
Not Available
in 9 Pad
Not Available
in 18 Pad
Not Available
in DRT
(Ohms) EIA Code
3300
332
3900
392
4700
472
5100
512
5600
562
6800
682
8200
822
10000
103
11000
113
12000
123
15000
153
18000
183
20000
203
22000
223
27000
273
33000
333
39000
393
47000
473
56000
563
68000
683
82000
823
100000
104
110000
114
120000
124
150000
154
180000
184
200000
204
220000
224
270000
274
330000
334
390000
394
470000
474
560000
564
680000
684
820000
824
1000000
105
(Ohms) EIA Code
10
100
12
120
15
150
18
180
22
220
27
270
33
330
39
390
47
470
51
510
56
560
68
680
82
820
100
101
110
111
120
121
150
151
180
181
200
201
220
221
270
271
330
331
390
391
470
471
510
511
560
561
680
681
820
821
1000
102
1100
112
1200
122
1500
152
1800
182
2000
202
2200
222
2700
272
Values and CTS
Code listed on
page 32
The TCE of the mounting surface will
affect the long term reliability of the
solder joint between the Series 752 and
the mounting surface. Application
requirements vary and each user must
determine whether the Series 752 is
appropriate for the application. Thermal
shock data for solder joint fatigue is
available on request.
Application Notes
pages 24-25
Power Derating
page 33
Land Patterns
pages 34-35
Packaging
pages 36-37
Environmental
Performance
Specifications
pages 38-39


Similar Part No. - 752095101FTR

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
7520 MILL-MAX-7520 Datasheet
322Kb / 1P
   PIN RECEPTACLES
logo
FIBOX Enclosing innovat...
7520031 FIBOX-7520031 Datasheet
81Kb / 2P
   Enclosure, PC
19.01.2023
7520032 FIBOX-7520032 Datasheet
454Kb / 2P
   Enclosure, PC
19.01.2023
7520080 FIBOX-7520080 Datasheet
454Kb / 2P
   Enclosure, PC
19.01.2023
7520081 FIBOX-7520081 Datasheet
79Kb / 2P
   Enclosure, PC
19.01.2023
More results

Similar Description - 752095101FTR

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com