Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1508725W3D Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 1508725W3D
Description  T2 Telephone Slide Based LED (Short)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

1508725W3D Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  1508725W3D Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
15087 Series T 2 Telephone Slide Based LED (Short)
DESCRIPTION
AND
FEA T URES
1
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product.
1-194
ELECTRO-OPTICAL CHARACTERISTICS AND RA TINGS
ø 7,1 max.
polycarbonate colored
*typical luminous spectrum
Color coordinates (l
F
= 20mA; T
A
= 25°C)
x = 0,31 ±0,06 y = 0,32 ± 0,08
100
80
60
40
20
0
400
500
600
700
800
T
A = 25°C
l
F = 20mA
Wavelength [nm]
• Replaces incandescent lamp #’s
- 12V AC/DC — 12ESB, 14FSB
- 24V AC/DC — 24CSB, 24ESB
- 28V AC/DC — 28ESB
• Extremely high brightness
with low current draw
• Long life — typically 100K hours vs. 10K hours
• Low heat generation
• Available in five standard colors. Custom
colors available upon request
• Shock and vibration proof
• Storage temperature: -25°C - +80°C
• Ambient temperature: -20°C - +60°C
• Due to production tolerances, color
temperature variations may be detected within
individual consignments
Part
Color
Voltage
Current
Lumi.
Reverse
Dominant
Number
Intensity
Voltage
Wavelength
V AC/DC
mA
mcd
V
nm
1508725UR3
Red
12
7 / 14
330
80
630
1508725UG3
Green
12
7 / 14
910
80
525
1508725UY3
Yellow
12
7 / 14
280
80
587
1508725B3
Blue
12
7 / 14
350
80
470
1508725W3
White Clear
12
7 / 14
700
80
*
1508725W3D
White Diffused
12
7 / 14
350
80
*
1508735UR3
Red
24
7 / 14
330
80
630
1508735UG3
Green
24
7 / 14
910
80
525
1508735UY3
Yellow
24
7 / 14
280
80
587
1508735B3
Blue
24
7 / 14
350
80
470
1508735W3
White Clear
24
7 / 14
700
80
*
1508735W3D
White Diffused
24
7 / 14
350
80
*
1508745UR3
Red
28
7 / 14
330
80
630
1508745UG3
Green
28
7 / 14
910
80
525
1508745UY3
Yellow
28
7 / 14
280
80
587
1508745B3
Blue
28
7 / 14
350
80
470
1508745W3
White Clear
28
7 / 14
700
80
*
1508745W3D
White Diffused
28
7 / 14
350
80
*
Luminous intensity data of the used LEDs at: I
OPtyp.DC


Similar Part No. - 1508725W3D

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1508725W3D CML-1508725W3D Datasheet
349Kb / 1P
   StarLEDs T2 (7mm) ESB with half wave rectifier
More results

Similar Description - 1508725W3D

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1508625UR3 CML-1508625UR3 Datasheet
48Kb / 1P
   T2 Telephone Slide Based LED (Standard)
logo
LEDTRONICS, INC
2SB200 LEDTRONICS-2SB200 Datasheet
358Kb / 1P
   T2 ANSI #2 & #3 Telephone Slide Based LEDs
Rev 09-2000
logo
List of Unclassifed Man...
2SBF200 ETC1-2SBF200 Datasheet
178Kb / 1P
   T2 ANSI #2 AND #3 TELEPHONE SLIDE BASED LEDS
logo
Chicago Miniature Lamp,...
CM18ESB CML-CM18ESB Datasheet
222Kb / 1P
   T-2 Telephone Slide Base - Type 5 (short)
logo
Visual Communications C...
CM18ESB VCC-CM18ESB Datasheet
36Kb / 1P
   Telephone Slide Base
CM24D VCC-CM24D Datasheet
27Kb / 1P
   Telephone Slide,Miniature Bayonet Base
logo
Chicago Miniature Lamp,...
CM24D CML-CM24D Datasheet
220Kb / 1P
   T-2 Telephone Slide Base - Type 3
logo
Visual Communications C...
VC18602250 VCC-VC18602250 Datasheet
338Kb / 1P
   Bayonet Based LED
logo
STMicroelectronics
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
logo
Bourns Electronic Solut...
PTL BOURNS-PTL Datasheet
399Kb / 4P
   PTL Series Slide Potentiometer w/LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com