Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JV1206ML180A Datasheet(PDF) 5 Page - DB Lectro Inc

Part # JV1206ML180A
Description  VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JV1206ML180A Datasheet(HTML) 5 Page - DB Lectro Inc

  JV1206ML180A Datasheet HTML 1Page - DB Lectro Inc JV1206ML180A Datasheet HTML 2Page - DB Lectro Inc JV1206ML180A Datasheet HTML 3Page - DB Lectro Inc JV1206ML180A Datasheet HTML 4Page - DB Lectro Inc JV1206ML180A Datasheet HTML 5Page - DB Lectro Inc JV1206ML180A Datasheet HTML 6Page - DB Lectro Inc JV1206ML180A Datasheet HTML 7Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
T
-
0.063
-
1.60
a
0.010
0.030
0.25
0.75
L
0.118
0.134
3.00
3.40
W
0.055
0.071
1.40
1.80
VARISTORS
TVS 1206 SMD
Multilayer Ceramic Transient
Voltage Suppressor
Low Capacity
Specifications
Packagin g
Tape and Reel
T
7 inch reel (3.000 pcs.)
Material
Dimensions
T
a
W
L
Features
Thin layer, high precise techniques
Lead free
Bi-directional clamping
low capacity
Available wit h Nickel/Tin end termination
Applications
Circuit board and ESD, EFT
Protection of:
I/O ports
Keyboards
LCD‘s
Sensors
Body:
Ceramic (ZnO)
Terminals:
Ni/Sn plated (code “P”)
Ag/Pt/Pd non plated
(code “N” on request)
Operating Temperatur e
-55 to +125°C
Solderabilit y
acc. to IEC 60068-2-58
235°C, 2s
Soldering Heat Resistanc e
260ºC, 10 sec. (IEC 60068-2-58)
280ºC , 5 sec. (IEC 60068-2-58)
Response Tim e
<0.5ns
Temperatur e coefficient (
αV) of clamping
voltage (Vc) @ specified test current
<0.01%/°C
Power dissipation
0.1W max.
Standards
IEC 61000-4-2
MIL-STD-883C
Maximum Ratings (125°C)
Specifications (25°C)
Type
max. cont.
working
voltage
max .
non-repetitive
surge current
max. non-repetitive
surge energy
(10/1000 µs)
max. clamping
voltage at spec.
current
nominal voltage
at 1mA (DC)
test current
typ.
capacitance
typ.
inductance
(V)
(V)
(A)
(J)
(V@A)
(V)
(V)
(pF)
(pF)
(nH)
JV1206ML030L
JV1206ML050L
JV1206ML140L
JV1206ML180L
JV1206ML450L
3, 3
5, 5
14,0
18,0
45,0
2, 5
4, 0
11,0
14,0
35,0
40
40
40
40
100
0,10
0,10
0,10
0,10
0,40
10,0 @
2
15,5 @
2
30,0 @
2
40,0 @
2
100,0 @
10
3, 8
7, 1
16,0
22,0
50,0
7, 0
9, 8
21,0
28,0
61,0
433 0
345 0
89 0
76 0
22 5
360 0
290 0
75 0
64 0
19 0
1, 8
1, 8
1, 8
1, 8
1, 8
Specifications are subject
to change without notice
Orde r
Qty.
Order-
Type
Terminal Code
Packaging
Information
Numbe r
JV 1206 ML140
L
P
T
(8/20 µs)
(8/20 µs)
V
M(AC )
V
M(DC )
I
TM
W
TM
V
C
V
N(DC )min.
V
N(DC )max.
C typ.
C
typ.
L
typ.
1KHz
.
1MHz
.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - JV1206ML180A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV1210ML121A DBLECTRO-JV1210ML121A Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1210ML180A DBLECTRO-JV1210ML180A Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1210ML180L DBLECTRO-JV1210ML180L Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1210ML220A DBLECTRO-JV1210ML220A Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1210ML260A DBLECTRO-JV1210ML260A Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results

Similar Description - JV1206ML180A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TVS0805SMD DBLECTRO-TVS0805SMD Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS0603SMD DBLECTRO-TVS0603SMD Datasheet
112Kb / 3P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS1210SMD DBLECTRO-TVS1210SMD Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
logo
Littelfuse
WT0603ML050L LITTELFUSE-WT0603ML050L Datasheet
83Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1210ML180A LITTELFUSE-WT1210ML180A Datasheet
80Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1812ML050A LITTELFUSE-WT1812ML050A Datasheet
98Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT0805ML030A LITTELFUSE-WT0805ML030A Datasheet
74Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1206ML030A LITTELFUSE-WT1206ML030A Datasheet
97Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
DB Lectro Inc
JV2220ML050A DBLECTRO-JV2220ML050A Datasheet
152Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
Littelfuse
WT2220ML050A LITTELFUSE-WT2220ML050A Datasheet
115Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com