Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

406I15C50.000 Datasheet(PDF) 1 Page - CTS Corporation

Part # 406I15C50.000
Description  3.5 x 6.0 mm Ceramic - SM Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

406I15C50.000 Datasheet(HTML) 1 Page - CTS Corporation

  406I15C50.000 Datasheet HTML 1Page - CTS Corporation 406I15C50.000 Datasheet HTML 2Page - CTS Corporation 406I15C50.000 Datasheet HTML 3Page - CTS Corporation 406I15C50.000 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 406
3.5 x 6.0 mm
Ceramic - SM Crystal
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 ♦ ♦ ♦
Document No. 008-0260-0
Page 1 of 4
Revision B
Date: Nov. 21, 2003
FEATURES:
• Surface Mount Ceramic base Weld Metal lid Package with 4 pads
• Stable frequency characteristics over temperature and drive level
• Packed in Embossed Carrier Tape & Reel for Automatic Handling (Standard 1,000 piece/reel compliant
with EIA-481-2)
APPLICATIONS:
Surface mount 3.5 x 6.0mm x 1.2mm Max. crystal is ideal for application to high-density circuit boards with
reliable precision & excellent shock performance in wireless telecommunications devices.
ELECTRICAL SPECIFICATIONS:
CTS Crystal Model Number
406
Operating Mode of Oscillation & Cut
Fundamental/3rd OT & AT-cut
Frequency Range
10.0 to 50.0 MHz
Frequency Calibration Tolerance @ 25
°C
±30ppm Standard
( Other tighter tolerances are available; See P/N System ).
Frequency Stability Tolerance
( Ref. to 25
°C readings over Operating Temperature Range )
±50ppm Standard.
( Other tighter tolerances are available; See P/N System ).
Operating Temperature Range
-20
°C to +70°C Standard.
( Extended –40
°C to +85°C is available; See P/N System ).
Storage Temperature Range
-55
°C to +125°C in a non-operating condition
Drive Level
25
µw Typical & 100 µw Maximum
Equivalent Series Resistance Maximum (ESR Max.)
See ESR Table
Resonance Mode (To be specified by customer)
S for Series or Parallel with load capacitance
13Pf, 18Pf, 20Pf , Etc. ( See P/N System ).
Surface Mount Temperature Reflow Condition
255
°C ±5°C & 10 Sec. Max.
Shunt Capacitance (C0)
4.0 pF Max. ( 2.5
±0.5 pF Typ.)


Similar Part No. - 406I15C50.000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
406 3M-406 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
List of Unclassifed Man...
406 ETC-406 Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
logo
Marathon Special Produc...
406 MARATHON-406 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
WECO ELECTRICAL CONNECT...
406 WECO-406 Datasheet
89Kb / 1P
   Tab connector Lead distributor
01.21
logo
Enercon Technologies Eu...
406 ENERCON-406 Datasheet
687Kb / 2P
   Miniature Portable Communication Grid for Dismounted Soldier
Jan 25, 2020
More results

Similar Description - 406I15C50.000

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
   6.0 x 3.5 mm SMD Crystal
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63B TRANSKO-CS63B Datasheet
239Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
Rev. 4: 10-10-19
CS63C TRANSKO-CS63C Datasheet
255Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
Rev 5: 10/18/2022
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
   3.5 x 6.0 x 1.0 mm Surface Mount Crystals
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
   Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
C&K Components
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
   6.0 x 3.5 Top Actuated
14 Nov 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com