Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3230GR-E1-A Datasheet(PDF) 9 Page - California Eastern Labs

Part # UPC3230GR-E1-A
Description  Bipolar Analog Integrated Circuit (AGC AMPLIFIER PRE AMPLIFIER IC)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3230GR-E1-A Datasheet(HTML) 9 Page - California Eastern Labs

  UPC3230GR-E1-A Datasheet HTML 1Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 2Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 3Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 4Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 5Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 6Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 7Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 8Page - California Eastern Labs UPC3230GR-E1-A Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Similar Part No. - UPC3230GR-E1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3231GV CEL-UPC3231GV Datasheet
853Kb / 19P
   BIPOLAR ANALOG INTE
UPC3231GV CEL-UPC3231GV Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3231GV RENESAS-UPC3231GV Datasheet
387Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
logo
California Eastern Labs
UPC3231GV-E1 CEL-UPC3231GV-E1 Datasheet
853Kb / 19P
   BIPOLAR ANALOG INTE
UPC3231GV-E1 CEL-UPC3231GV-E1 Datasheet
803Kb / 16P
   GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER
More results

Similar Description - UPC3230GR-E1-A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
logo
KEC(Korea Electronics)
KIA6225P KEC-KIA6225P Datasheet
115Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL PRE-AMPLIFIER)
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
logo
NEC
UPC1335V NEC-UPC1335V Datasheet
182Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT-AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA7417AP KEC-KIA7417AP Datasheet
370Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL PRE AMPLIFIER SYSTEM)
KIA6259P KEC-KIA6259P Datasheet
93Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW NOISE DUAL PRE-AMPLIFIER)
KIA6268P KEC-KIA6268P Datasheet
148Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL RECORD/PLAY PRE-AMPLIFIER)
logo
NTE Electronics
NTE1057 NTE-NTE1057 Datasheet
87Kb / 2P
   Integrated Circuit FM IF Amplifier, AF Pre−Amplifier
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com