Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F5302 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F5302
Description  Fiber optic dual LED/clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F5302 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F5302 Datasheet HTML 2Page - NXP Semiconductors 74F5302 Datasheet HTML 3Page - NXP Semiconductors 74F5302 Datasheet HTML 4Page - NXP Semiconductors 74F5302 Datasheet HTML 5Page - NXP Semiconductors 74F5302 Datasheet HTML 6Page - NXP Semiconductors 74F5302 Datasheet HTML 7Page - NXP Semiconductors 74F5302 Datasheet HTML 8Page - NXP Semiconductors 74F5302 Datasheet HTML 9Page - NXP Semiconductors 74F5302 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74F5302
Fiber optic dual LED/clock driver
July 24, 1990
7
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


Similar Part No. - 74F5302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
More results

Similar Description - 74F5302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
logo
Micro Linear Corporatio...
ML4632 MICRO-LINEAR-ML4632 Datasheet
173Kb / 8P
   Fiber Optic LED Driver
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
logo
List of Unclassifed Man...
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
   LED Fiber Optic Illuminator
logo
OPTEK Technologies
OPF320A OPTEK-OPF320A Datasheet
289Kb / 2P
   Fiber Optic GaAIAs LED
OPF692 OPTEK-OPF692 Datasheet
337Kb / 3P
   850nm, Fiber Optic LED Transmitter
OPF693 OPTEK-OPF693 Datasheet
332Kb / 3P
   850nm, Fiber Optic LED Transmitter
OPF371 OPTEK-OPF371 Datasheet
3Mb / 2P
   Fiber Optic GaA lAs LED
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
   Fiber Optic GaAlAs High Speed LED
OPF347A OPTEK-OPF347A Datasheet
268Kb / 2P
   Fiber Optic GaAIAs High Speed LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com