Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPS200B-1400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BPS200B-1400
Description  Standby Supply Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BPS200B-1400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BPS200B-1400 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPS200B-1400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BIAS Power Technology, Inc.
BIAS Power Technology, Inc., 414 South Vermont Street, Palatine, Illinois 60067 USA
Phone: 888-772-7658 USA, 847-991-8516; Fax: 847-991-8526, www.biaspower.com
The BPS200 Standby Power Supply Module is an ideal replacement for current standby power
applications in appliances and consumer electronics. This low-cost supply provides up to two watt of
output power, nominal output of 6, 12 or 14 VDC (Vo), and an additional regulated output of 3.3, 5.0 or
12.0 VDC (Vr) to maintain standby functions such as powering an LED, microprocessor or remote
control sensor. Incorporating a custom integrated circuit into a small package, the BIAS Standby Module
provides an immediate “drop-in” solution, requiring no additional external components.
Features
Low Cost
Single Component Solution
Quick Time-To-Market
Universal Input (85 to 265 VAC)
Small Size
Electrical
Input Voltage Range
85 to 265 VAC (50/60Hz)
Output Power
2.0 W max
Efficiency
70% nom.
Output (Vo)
6, 12, 14 VDC nom.
Regulation Vo
+/- 5% (options B, C)
Ripple Vo (@120 Hz)
1V
Regulated Output (Vr)
3.3, 5.0, 12.0 VDC (option C)
Regulation Vr
+/- 0.1% (option C)
Ripple Vr (@120 Hz)
30 mV (option C)
No-load Consumption
20 mW typical
Isolation
3000 VAC
Thermal
Operating Temperature
-10 to 85º C
Operating Relative Humidity
20 – 90% RH
Storage Temperature
-40 to 105º C
Mechanical
Package Size
(L x W x H)
TBD
Safety
Safety Compliance
1
UL1950 / EN60950 (VDE)
EMI Emissions
1
EN 55011 / FCC Part 15-B
EFT/B Compliance
1
IEC 1000-4-4 Level 4
2
Option A: Constant Power
Lowest cost solution, best applied
in constant load applications.
BIAS Standby Supply Module
BPS200 Series
Operating Specifications
(@120VAC / 60 Hz / 25ºC / 12VDC Vo unless otherwise specified)
1 Certification pending
Specifications subject to change
2 Utilizing external TVS device
Option B: Demand Power
Designed for variable or intermittent
load applications. Power is available
upon demand and adjustable up to
two watts.
Option C: Demand Power
with Voltage Regulation
Provides dual isolated outputs for
applications requiring a regulated
output (Vr
±0.1%) in addition to the
standard unregulated output.
Rev. 7/18/02, Page 1 of 2


Similar Part No. - BPS200B-1400

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPS200-12 BB-BATTERY-BPS200-12 Datasheet
166Kb / 1P
   VRLA Rechageable Battery
More results

Similar Description - BPS200B-1400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPS100 ETC1-BPS100 Datasheet
147Kb / 2P
   Standby Supply Module
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
Shindengen Electric Mfg...
MR2920 SHINDENGEN-MR2920 Datasheet
226Kb / 19P
   Provision for Standby mode operation Partial Resonance Power Supply IC Module
MR2000 SHINDENGEN-MR2000 Datasheet
183Kb / 7P
   Standby Compatible Partial Resonance Power Supply IC Module with High-speed IGBT
logo
Toshiba Semiconductor
TA1307P TOSHIBA-TA1307P Datasheet
124Kb / 12P
   Integrated Circuit For Standby Power-Supply Control
logo
Power Integrations, Inc...
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
   21 W Standby Power Supply using TNY280P
logo
Fuji Electric
FA5592 FUJI-FA5592 Datasheet
227Kb / 2P
   PWM Power Supply IC with Low Standby Power
logo
Lite-On Technology Corp...
PA-1181-10AC LITEON-PA-1181-10AC Datasheet
447Kb / 3P
   PC Power Supply TFX Series 12V without Standby
logo
Diodes Incorporated
ZXGD3105N8 DIODES-ZXGD3105N8 Datasheet
380Kb / 13P
   Low standby power with quiescent supply current < 1mA
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com