Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXA10-12S12 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # BXA10-12S12
Description  8-10W Wide Input DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXA10-12S12 Datasheet(HTML) 3 Page - Artesyn Technologies

  BXA10-12S12 Datasheet HTML 1Page - Artesyn Technologies BXA10-12S12 Datasheet HTML 2Page - Artesyn Technologies BXA10-12S12 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
100%
Ambient Temperature (˚C)
0%
0ºC 20ºC
40ºC 60ºC
80ºC 100ºC 120º C
-25ºC
110ºC
DERATING CURVE
Output Power (Watts)
71ºC
BOTTOM VIEW
2.0
(50.8)
0.8
(20.4)
0.6
(15.2)
0.4
(10.2)
0.2
(5.1)
0.3
(7.6)
1.00 (25.4)
0.040 Dia. (1.0)
0.020
(0.5)
0.395 (10.03)
max.
0.4
(10.2)
0.1
(2.5)
34
5
6
2
1
0.135
± 0.010
(3.4
± 0.2)
0.4
(10.2)
ALL DIMENSIONS IN INCHES (mm)
BOTTOM VIEW
+ Input
Input Return
C1
C2
C3
Ground Plane
BXA10
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-1094
Licence No. 6298 and 6299
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
BXA10 Series
Single and dual output
DC/DC CONVERTERS
8-10W Wide Input DC/DC Converters
3
www.artesyn.com
File Name: BXA10.PDF Rev: 02 Oct 2002
Mechanical Notes
A
Recommended PCB hole diameter is 0.052 inches (1.32mm).
B
All pins are in true position within 0.010 inches (0.25mm).
C Tolerance (inches):
.XX
=
±0.02
XXX
=
±0.005


Similar Part No. - BXA10-12S12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
BXA10-12S15J EMERSON-NETWORKPOWER-BXA10-12S15J Datasheet
238Kb / 4P
   1 x 2 x 0.395 inch package with stand-offs
logo
Artesyn Technologies
BXA10-12S15J ARTESYN-BXA10-12S15J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - BXA10-12S12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
logo
MicroPower Direct, LLC
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
   Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
   10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
   10W 4KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
   10W 4KVAC Isolation Wide Input AC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP10AS TOPPOWER-TP10AS_V01 Datasheet
755Kb / 4P
   10W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com