Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68702H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M68702H
Description  150-175MHz, 12.5V, 60W, FM MOBILE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68702H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M68702H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68702H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M68702H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
150-175MHz, 12.5V, 60W, FM MOBILE RADIO
M68702H
MITSUBISHI RF POWER MODULE
Nov. ´97
TYPICAL PERFORMANCE DATA
OUTPUT POWER, TOTAL EFFICIENCY,
INPUT VSWR VS. FREQUENCY
FREQUENCY f (MHz)
40
30
20
10
0
140
150
160
180
INPUT POWER Pin (mW)
20
100
50
40
30
20
10
0
90
10
1
10
1st. STAGE VOLTAGE VCC1 (V)
5
0.3
20
10
1
200
100
20
10
0.3
2
6
10
14
17
170
30
4
8
12
16
60
70
80
50
60
OUTPUT POWER, TOTAL CURRENT,
1st. STAGE CURRENT VS. INPUT POWER
7
6
5
4
3
2
1
30 50 70
200 300 500700
7
5
3
2
0.7
0.5
0.3
0.2
70
50
30
20
f=150MHz
VCC1=VCC2=12.5V
ZG=ZL=50
Tc=25
°C
10
1
7
3
2
0.7
0.5
0.3
0.2
20
INPUT POWER Pin (mW)
20
100
90
10
1
10
OUTPUT POWER, TOTAL CURRENT,
1st. STAGE CURRENT VS. INPUT POWER
30 50 70
200 300 500700
7
5
3
2
0.7
0.5
0.3
0.2
70
50
30
20
10
1
7
3
2
0.7
0.5
0.3
0.2
20
INPUT POWER Pin (mW)
20
100
90
10
1
10
OUTPUT POWER, TOTAL CURRENT,
1st. STAGE CURRENT VS. INPUT POWER
30 50 70
200 300 500700
7
5
3
2
0.7
0.5
0.3
0.2
70
50
30
20
10
1
7
3
2
0.7
0.5
0.3
0.2
20
OUTPUT POWER, 1st. STAGE CURRENT,
TOTAL CURRENT VS. 1st. STAGE VOLTAGE
70
50
1
0.5
0.7
2
3
5
7
0.7
0.5
2
7
3
1st. STAGE VOLTAGE VCC1 (V)
5
0.3
20
10
1
200
100
20
10
0.3
2
6
10
14
17
30
4
8
12
16
OUTPUT POWER, 1st. STAGE CURRENT,
TOTAL CURRENT VS. 1st. STAGE VOLTAGE
70
50
1
0.5
0.7
2
3
5
7
0.7
0.5
2
7
3
ρin
PO
IT
IC1
f=162.5MHz
VCC1=VCC2=12.5V
ZG=ZL=50
Tc=25
°C
PO
IT
IC1
f=175MHz
VCC1=VCC2=12.5V
ZG=ZL=50
Tc=25
°C
PO
IT
IC1
PO
IT
IC1
f=162.5MHz
Pin=0.3W
VCC2=12.5V
ZG=ZL=50
Tc=25
°C
PO
IT
IC1
f=150MHz
Pin=0.3W
VCC2=12.5V
ZG=ZL=50
Tc=25
°C
70
80
ηT
PO
VCC1=VCC2=12.5V
Pin=0.3W
ZG=ZL=50
Tc=25
°C


Similar Part No. - M68702H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68702L MITSUBISHI-M68702L Datasheet
497Kb / 3P
   135-160MHz, 12.5V, 60W, FM MOBILE RADIO?
More results

Similar Description - M68702H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M67741H MITSUBISHI-M67741H Datasheet
103Kb / 3P
   150-175MHz,12.5V,30W, FM MOBILE RADIO???
M67781H MITSUBISHI-M67781H Datasheet
44Kb / 1P
   150-175MHz, 12.5V, 40W, FM MOBILE RADIO?
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
58Kb / 9P
   135-175MHz 60W 12.5V MOBILE RADIO
M57706 MITSUBISHI-M57706 Datasheet
43Kb / 1P
   145-175MHz 12.5V,8W,FM MOBILE RADIO???
M57719 MITSUBISHI-M57719 Datasheet
137Kb / 3P
   145-175MHz 12.5V,14W,FM MOBILE RADIO????
M67748H MITSUBISHI-M67748H Datasheet
43Kb / 1P
   150-175MHz, 12.5V, 7W, FM PORTABLE RADIO
M67748HR MITSUBISHI-M67748HR Datasheet
43Kb / 1P
   150-175MHz, 12.5V, 7W, FM PORTABLE RADIO
M67746 MITSUBISHI-M67746 Datasheet
24Kb / 2P
   144-148MHz, 12.5V, 60W, FM MOBILE RADIO
M68702L MITSUBISHI-M68702L Datasheet
497Kb / 3P
   135-160MHz, 12.5V, 60W, FM MOBILE RADIO?
RA60H1317M MITSUBISHI-RA60H1317M_10 Datasheet
89Kb / 9P
   135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com