Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F5302N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # N74F5302N
Description  Fiber optic dual LED/clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F5302N Datasheet(HTML) 3 Page - NXP Semiconductors

  N74F5302N Datasheet HTML 1Page - NXP Semiconductors N74F5302N Datasheet HTML 2Page - NXP Semiconductors N74F5302N Datasheet HTML 3Page - NXP Semiconductors N74F5302N Datasheet HTML 4Page - NXP Semiconductors N74F5302N Datasheet HTML 5Page - NXP Semiconductors N74F5302N Datasheet HTML 6Page - NXP Semiconductors N74F5302N Datasheet HTML 7Page - NXP Semiconductors N74F5302N Datasheet HTML 8Page - NXP Semiconductors N74F5302N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F5302
Fiber optic dual LED/clock driver
July 24, 1990
3
APPLICATION FOR 50Mb/s OPTICAL TRANSMITTER
Linearizing
circuit
Output
driver
amp
TTL
input
buffer
D0
E0
14
13
2
11
12
5
4
3
0.1
µF
10
µF
10
µF
90
4
14
120pF
LED
+5V
+5V
74F5302 (one driver)
SF00593
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
240
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
TA = –40 to +85°C
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–160
mA
IOL
Low–level output current
160
mA
Tamb
Operating free air temperature range
0
+70
°C


Similar Part No. - N74F5302N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F5300D PHILIPS-N74F5300D Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
N74F5300N PHILIPS-N74F5300N Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
More results

Similar Description - N74F5302N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
   Fiber optic LED driver
1989 Dec 13
logo
Micro Linear Corporatio...
ML4632 MICRO-LINEAR-ML4632 Datasheet
173Kb / 8P
   Fiber Optic LED Driver
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
logo
List of Unclassifed Man...
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
   LED Fiber Optic Illuminator
logo
OPTEK Technologies
OPF320A OPTEK-OPF320A Datasheet
289Kb / 2P
   Fiber Optic GaAIAs LED
OPF692 OPTEK-OPF692 Datasheet
337Kb / 3P
   850nm, Fiber Optic LED Transmitter
OPF693 OPTEK-OPF693 Datasheet
332Kb / 3P
   850nm, Fiber Optic LED Transmitter
OPF371 OPTEK-OPF371 Datasheet
3Mb / 2P
   Fiber Optic GaA lAs LED
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
   Fiber Optic GaAlAs High Speed LED
OPF347A OPTEK-OPF347A Datasheet
268Kb / 2P
   Fiber Optic GaAIAs High Speed LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com