Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8114-54 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C8114-54
Description  Standard Dual Beam Wire Wrap Edge-Grip Sockets
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8114-54 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C8114-54 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series C81/C91 Standard Dual Beam
Wire Wrap Edge-Grip Sockets
Note: Aries specializes in custom design and production. In addition to the stan-
dard products shown on this page, special materials, platings, sizes, and configura-
tions can be furnished, depending on quantities. Aries reserves the right to change
product specifications without notice.
FEATURES:
•Dual beam, edge-grip contacts provide high retention with
positive wiping action.
•Removable cover provides lower profile.
•Side-to-side stackable.
SPECIFICATIONS:
•Body is black UL 94V-0 Glass-filled Thermoplastic Polyester
(PBT).
•Dual beam contact is Grade A Phosphor Bronze Alloy, 1/2
hard.
•Contact plating is either 50-150m [1.27-3.81mm] min. Tin
per MIL-P-81728 or 10m [.25mm] min. Gold per MIL-G-
45204 over 50m [1.27mm] min. Nickel per QQ-N-290.
•Contact current rating=1.5 Amp.
•Contact resistance=20 mOhms initial.
•Insulation resistance=100 MOhms @ 500 VDC per
MIL-STD-1344, method 3003.1.
•Dielectric withstanding voltage=1000 VAC.
•Operating temperature=221°F [105°C] Tin plating,
257°F [125°C] Gold plating.
•Solderability: MIL-STD-202, method 208 less heat aging.
•Accepts leads up to .011 x .018 ± .003 [.28 x .46 ± .08]
or .021 [.53] diameter.
•Accepts leads .100-.200 [2.54-5.08] long with cover.
MOUNTING CONSIDERATIONS:
•Suggested PCB hole size=.046± .002 [1.17 ± .05] dia.
12003
REV.A
NORTH AMERICA
Frenchtown, NJ USA
TEL: (908) 996-6841
FAX: (908) 996-3891
UK/SCANDINAVIA/IRELAND
Milton Keynes, GB
TEL: +44 1908 260007
FAX: +44 1908 260008
EUROPE (MAINLAND)
Papendrecht, Holland
TEL: +31 78 615 94 65
FAX: +31 78 615 43 11
http://www.arieselec.com • info@arieselec.com
No. of Pins
Dim. “A”
Dim. “B”
Centers “C”
Dim. “D” (max)
Dim. “E”
8
.465 [11.81]
.300 [7.62]
.300 [7.62]
.400 [10.16]
---
14
.765 [19.43]
.600 [15.24]
.300 [7.62]
.400 [10.16]
.300 [7.62]
16
.865 [21.97]
.700 [17.78]
.300 [7.62]
.400 [10.16]
.400 [10.16]
18
.965 [24.51]
.800 [20.32]
.300 [7.62]
.400 [10.16]
.400 [10.16]
20
1.065 [27.05]
.900 [22.86]
.300 [7.62]
.400 [10.16]
.400 [10.16]
22
1.180 [29.97]
1.000 [25.40]
.400 [10.16]
.500 [12.70]
.500 [12.70]
24
1.280 [32.51]
1.100 [27.94]
.600 [15.24]
.700 [17.78]
.500 [12.70]
28
1.480 [37.59]
1.300 [33.02]
.600 [15.24]
.700 [17.78]
.500 [12.70]
36
1.880 [47.75]
1.700 [43.18]
.600 [15.24]
.700 [17.78]
.800 [20.32]
40
2.080 [52.83]
1.900 [48.26]
.600 [15.24]
.700 [17.78]
.800 [20.32]
CXXXX-XX
ORDERING INFORMATION
C81 series:
-04=closed entry
-54=open entry
C91 series:
-00=closed entry
-50=open entry
Pin plating:
91=Gold
81=Tin
Socket series
No. of pins
(see table)
ALL DIMENSIONS: INCHES [MILLIMETERS]
All tolerances ± .005 [.13]
unless otherwise specified
CONTACT DETAIL


Similar Part No. - C8114-54

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C8114 GENERAL-C8114 Datasheet
24Kb / 1P
   Tinned Copper conductor, FEP Insulation, conductors cabled, overall foil shied and FEP Jacketed Plenum Cable
More results

Similar Description - C8114-54

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
501 ARIES-501 Datasheet
610Kb / 1P
   Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
28-0508-20 ARIES-28-0508-20 Datasheet
275Kb / 2P
   Series X508 Single and Dual Row Collet Sockets with Wire Wrap Pins
08-0508-31 ARIES-08-0508-31 Datasheet
275Kb / 2P
   Series X508 Single and Dual Row Collet Sockets with Wire Wrap Pins
logo
Precid-Dip Durtal SA
126-93-210-41-001 PREDIP-126-93-210-41-001 Datasheet
35Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap posts with solder tails
121-93-210-41-001 PREDIP-121-93-210-41-001 Datasheet
47Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap 1 / 2 / 3 / 4 level
logo
Aries Electronics, Inc.
08-0503-31 ARIES-08-0503-31 Datasheet
189Kb / 2P
   Series 0503 Pin-Line Collet Sockets with Wire Wrap Pins
28-0501-31 ARIES-28-0501-31 Datasheet
228Kb / 2P
   Series 0501 Strip-line Sockets with Bifurcated Contact Wire Wrap Pins
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
   WIRE WRAP PIN
2.27.06
logo
Assmann Electronics Inc...
AR-64-HZW-T ASSMANN-AR-64-HZW-T Datasheet
395Kb / 1P
   IDC-Socket, Wire Wrap
logo
Precid-Dip Durtal SA
516-93-108-12-051-003 PREDIP-516-93-108-12-051-003 Datasheet
62Kb / 1P
   Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com