Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE556DBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # NE556DBR
Description  DUAL PRECISION TIMERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE556DBR Datasheet(HTML) 3 Page - Texas Instruments

  NE556DBR Datasheet HTML 1Page - Texas Instruments NE556DBR Datasheet HTML 2Page - Texas Instruments NE556DBR Datasheet HTML 3Page - Texas Instruments NE556DBR Datasheet HTML 4Page - Texas Instruments NE556DBR Datasheet HTML 5Page - Texas Instruments NE556DBR Datasheet HTML 6Page - Texas Instruments NE556DBR Datasheet HTML 7Page - Texas Instruments NE556DBR Datasheet HTML 8Page - Texas Instruments NE556DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
NA556, NE556, SA556, SE556
DUAL PRECISION TIMERS
SLFS023G – APRIL 1978 – REVISED JUNE 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
18
V
VI
Input voltage
CONT, RESET, THRES, and TRIG
VCC
V
IO
Output current
±225
mA
D package
86
θ
JA
Package thermal impedance(3)(4)
N package
80
°C/W
NS package
76
θ
JC
Package thermal impedance(5)(6)
J package
15.05
°C/W
TJ
Operating virtual junction temperature
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 60 s
J package
300
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
D, N, or NS package
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) – TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with MIL-STD-883.
MIN
MAX
UNIT
NA556, NE556, SA556
4.5
16
VCC
Supply voltage
V
SE556
4.5
18
VI
Input voltage
CONT, RESET, THRES, and TRIG
VCC
V
IO
Output current
±200
mA
NA556
–40
105
NE556
0
70
TA
Operating free-air temperature
°C
SA556
–40
85
SE556
–55
125
3
Submit Documentation Feedback


Similar Part No. - NE556DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE556DBR TI-NE556DBR Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556DBR TI1-NE556DBR Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556DBRE4 TI-NE556DBRE4 Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556DBRG4 TI-NE556DBRG4 Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - NE556DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556J TI-NE556J Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com