Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1011 Datasheet(PDF) 1 Page - API Delevan

Part # CM1011
Description  Horizontal PC Mount Epoxy Potted Common Mode Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

CM1011 Datasheet(HTML) 1 Page - API Delevan

  CM1011 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
129
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
CM1011-104
CM1011-254
CM1011-504
CM1011-754
CM1011-105
CM1011-175
CM1011-255
CM1011-335
CM1011-505
CM1011-755
CM1011-106
Series CM1011 Horizontal PC Mount
Epoxy Potted Common Mode Chokes
6
9
12
15
19
26
32
51
72
94
103
12
10
8.6
6.7
5.7
3.1
2.8
2.2
2.0
1.4
1.2
0.004
0.006
0.008
0.013
0.018
0.060
0.073
0.125
0.150
0.300
0.390
100
250
500
750
1000
1700
2500
3300
5000
7500
10000
Physical Parameters
Inches
Millimeters
A
1.10 ± 0.03
27.9 ± 0.76
B
1.10 ± 0.03
27.9 ± 0.76
C
0.70 ± 0.03
17.8 ± 0.76
D
1.00 ± 0.03
25.4 ± 0.76
E
0.600 ± 0.03
15.2 ± 0.76
F
0.200 Min.
5.08 Min.
G
0.750 (Ref. Only) 19.1 (Ref. Only)
H
0.032 ± 0.004
0.81 ± 0.10
Operating Temperature Range –55°C to +125°C
Current Rating at 85°C Ambient 40°C Rise
Mechanical Configuration Epoxy potted winding
assembly. Case is high-temperature DAP.
Notes
1) Inductance in table is for either L I or L2.
2) Leakage Inductance tested at L I with L2 shorted
or at L2 with L I shorted.
3) Windings balanced within 2%
Packaging Bulk only


Similar Part No. - CM1011

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM1011-104 API-CM1011-104 Datasheet
1Mb / 1P
   Horizontal PC Mount Epoxy Potted Common Mode Chokes
CM1011-105 API-CM1011-105 Datasheet
1Mb / 1P
   Horizontal PC Mount Epoxy Potted Common Mode Chokes
CM1011-106 API-CM1011-106 Datasheet
1Mb / 1P
   Horizontal PC Mount Epoxy Potted Common Mode Chokes
CM1011-175 API-CM1011-175 Datasheet
1Mb / 1P
   Horizontal PC Mount Epoxy Potted Common Mode Chokes
CM1011-254 API-CM1011-254 Datasheet
1Mb / 1P
   Horizontal PC Mount Epoxy Potted Common Mode Chokes
More results

Similar Description - CM1011

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM1011R API-CM1011R Datasheet
1Mb / 1P
   Horizontal PC Mount Epoxy Potted Common Mode Chokes
CM9900R API-CM9900R Datasheet
1Mb / 1P
   PC Mount Common Mode Chokes
CM9900 API-CM9900 Datasheet
38Kb / 1P
   PC Mount Common Mode Chokes
logo
CAMBION Electronic Comp...
555-8001 CAMBION-555-8001 Datasheet
36Kb / 2P
   Common mode chokes, horizontal and vertical mount
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com