Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F539 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F539
Description  Dual 1-of-4 decoder 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F539 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F539 Datasheet HTML 1Page - NXP Semiconductors 74F539 Datasheet HTML 2Page - NXP Semiconductors 74F539 Datasheet HTML 3Page - NXP Semiconductors 74F539 Datasheet HTML 4Page - NXP Semiconductors 74F539 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
74F539
Dual 1-of-4 decoder (3-State)
1
1990 Feb 23
853–1274 98905
DESCRIPTION
The 74F539 contains two independent decoders. Each accepts two
address (A0 - A1) input signals and decodes them to select one of
four mutually exclusive outputs. A Polarity control (P) input
determines whether the outputs are active Low (P=H) or active High
(P=L). An active-Low Enable (E) is available for data demultiplexing.
Data is routed to the selected output in non-inverted or inverted form
in the active-Low mode or inverted form in the active-High mode. A
High signal on the Output Enable (OEn) input forces the 3-State
outputs to the high impedance state.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F539
7.5ns
40mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
20-Pin Plastic DIP
N74F539N
20-Pin Plastic SOL
N74F539D
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q3b
A1b
A0b
OEa
Pa
Q0a
Q1a
Q2b
Q1b
Q0b
A0a
A1a
Q3a
Q2a
GND
Eb
Ea
OEb
Pb
SF01013
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0a - A1a
Decoder A Address inputs
1.0/1.0
20
µA/0.6mA
A0b - A1b
Decoder B Address inputs
1.0/1.0
20
µA/0.6mA
Ea, Eb
Enable inputs (active Low)
1.0/1.0
20
µA/0.6mA
OEa, OEb
Output Enable inputs (active Low)
1.0/1.0
20
µA/0.6mA
Pa, Pb
Polarity control inputs
1.0/1.0
20
µA/0.6mA
Q0a–Q3a
Decoder A Data outputs
150/40
3.0mA/24mA
Q0b–Q3b
Decoder A Data outputs
150/40
3.0mA/24mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
67
17
VCC = Pin 20
GND = Pin 10
12
11
9
8
3
2
1
19
Q0a
Q1a
Q2a
Q3a
Q0b Q1b
Q2b
Q3b
Pa
Ea
OEa
Pb
Eb
OEb
13
15
14
4
16
5
A0a
A1a
A0b
SF01014
18
A1b
LOGIC SYMBOL (IEEE/IEC)
17
18
16
14
19
DMUX
1
2
3
5
0,4
0
1
G
0
3
SF01015
8
9
11
12
1,4
2,4
3,4
6
7
15
4
N4
EN
13


Similar Part No. - 74F539

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F539 FAIRCHILD-74F539 Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
74F539PC FAIRCHILD-74F539PC Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
74F539SC FAIRCHILD-74F539SC Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
More results

Similar Description - 74F539

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC539 HITACHI-HD74AC539 Datasheet
60Kb / 10P
   Dual 1-of-4 Decoder with 3-State Output
logo
Fairchild Semiconductor
74F539 FAIRCHILD-74F539 Datasheet
51Kb / 6P
   Dual 1-of-4 Decoder with 3-STATE Outputs
logo
Motorola, Inc
MC5474F539 MOTOROLA-MC5474F539 Datasheet
83Kb / 3P
   DUAL 1-OF-4 DECODER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F537 PHILIPS-74F537 Datasheet
52Kb / 5P
   1-of-10 decoder 3-State
1989 Jan 20
74F538 PHILIPS-74F538 Datasheet
85Kb / 10P
   1-of -8 decoder 3-state
1989 Apr 06
logo
ON Semiconductor
SN74LS155 ONSEMI-SN74LS155 Datasheet
135Kb / 4P
   DUAL 1-OF-4 DECODER
June, 2006 ??Rev. 7
logo
National Semiconductor ...
9321 NSC-9321 Datasheet
124Kb / 6P
   DUAL 1-OF-4 DECODER
93L21 NSC-93L21 Datasheet
74Kb / 3P
   DUAL 1-OF-4 DECODER
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com