Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXE15-48S1V8 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # CXE15-48S1V8
Description  High Efficiency DC/DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXE15-48S1V8 Datasheet(HTML) 3 Page - Artesyn Technologies

  CXE15-48S1V8 Datasheet HTML 1Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 2Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 3Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 4Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 5Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 6Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 7Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 8Page - Artesyn Technologies CXE15-48S1V8 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
CXE15 Single Series
| 10.8 to 15W DC/DC
High Efficiency DC/DC converters
3
www.artesyn.com
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input to output test voltage
1500
V DC
Test duration 1s
Input to output capacitance
1000
pF
Input to output resistance
100
M
Measured with 500 V DC
Input to output insulation system
Operational
Characteristic - Signal Name Symbol
Min
Typ
Max
Units
Notes and Conditions
At remote/control ON/OFF pin
See Notes 2 and 3
Open collector or equivalent
See Application Note 116 for
compatible
Remote On/Off details
Control pin open circuit voltage
Vih
12
13
V
Iih = 0 µA; open circuit voltage
High level input current
Iih
10
µA
Current flowing into control pin
when pin is pulled high
(max. at Vih = 75V)
Acceptable high level
Iih (leakage)
-50
µA
Acceptable leakage current from
leakage current
signal pin into the open collector
driver (neg = from converter)
Low level input voltage
ViI
0
1.2
V
Converter guaranteed off
when control pin is
less than Vil (max)
Low level input current
IiI
-1.4
mA
Vil = 0.4 V
Low level input current
Iil (max)
-1.5
mA
ViI = 0.0 V;
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Mean time between failure
MTBF
600,000
Hours
MIL-HDBK-217F,
Vin = Vin (nom); Iout = Iout
(max); ambient 25ºC;
ground benign environment
Mean time between failure
MTBF
1,000,000
Hours
per Bellcore TR-NWT-000332
Issue 3, ground benign,
temp. = 40ºC, Vin = Vin (nom),
Iout = Iout (max)
Mean time between failure
MTBF
TBD
Hours
Demonstrated. This entry will be
periodically updated as the
number of test hours increase
Expected service life
Years
Signal Electrical Interface
Reliability and Service Life
Isolation


Similar Part No. - CXE15-48S1V8

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
CXE15-48S05J EMERSON-NETWORKPOWER-CXE15-48S05J Datasheet
262Kb / 3P
   15 W High Efficiency DC-DC Converters
CXE15-48S3V3-SJ EMERSON-NETWORKPOWER-CXE15-48S3V3-SJ Datasheet
262Kb / 3P
   15 W High Efficiency DC-DC Converters
More results

Similar Description - CXE15-48S1V8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com