Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F541 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F541
Description  Octal inverter buffer 3- State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F541 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F541 Datasheet HTML 2Page - NXP Semiconductors 74F541 Datasheet HTML 3Page - NXP Semiconductors 74F541 Datasheet HTML 4Page - NXP Semiconductors 74F541 Datasheet HTML 5Page - NXP Semiconductors 74F541 Datasheet HTML 6Page - NXP Semiconductors 74F541 Datasheet HTML 7Page - NXP Semiconductors 74F541 Datasheet HTML 8Page - NXP Semiconductors 74F541 Datasheet HTML 9Page - NXP Semiconductors 74F541 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74F540, 74F541
Buffers
1990 Jan 08
6
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITIONS
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
In to Yn
Waveform 1
3.0
1.5
4.5
2.5
6.5
4.5
2.5
1.5
7.5
5.0
ns
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F540
Waveform 3
Waveform 4
2.0
4.0
3.5
7.5
6.5
9.5
2.0
4.0
7.0
10.0
ns
ns
tPZH
tPZL
Output Disable time
from High or Low level
Waveform 3
Waveform 4
2.0
2.0
4.0
4.0
6.0
5.5
2.0
2.0
6.5
6.0
ns
ns
tPLH
tPHL
Propagation delay
In to Yn
Waveform 2
2.5
3.5
5.0
6.0
6.5
7.0
2.5
3.0
7.0
7.5
ns
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F541
Waveform 3
Waveform 4
3.0
3.0
5.5
6.5
7.0
8.5
3.0
3.0
7.5
9.5
ns
ns
tPZH
tPZL
Output Disable time
from High or Low level
Waveform 3
Waveform 4
2.0
2.0
4.0
4.0
7.0
7.0
2.0
2.0
7.5
7.5
ns
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
tPLH
tPHL
In
Yn
SF01028
Waveform 1. Propagation Delay Data to Outputs for 74F540
VM
VM
VM
VM
Yn
In
tPLH
tPHL
SF00150
Waveform 2. Propagation Delay Data to Outputs for 74F541
VM
VM
VM
tPHZ
tPZH
OEn
Yn, Yn
VOH -0.3V
0V
SF01030
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
OEn
Yn, Yn
VOL +0.3V
SF01031
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Similar Part No. - 74F541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F541 FAIRCHILD-74F541 Datasheet
55Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74F541 FAIRCHILD-74F541 Datasheet
70Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74F541PC NSC-74F541PC Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F541PC FAIRCHILD-74F541PC Datasheet
55Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74F541PC FAIRCHILD-74F541PC Datasheet
70Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74F541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F240 PHILIPS-74F240 Datasheet
103Kb / 12P
   Octal inverter buffer 3-State
1001 Jan 02
74F1240 PHILIPS-74F1240 Datasheet
85Kb / 10P
   Octal inverter buffer 3-State
1999 Jan 08
74F540N PHILIPS-74F540N Datasheet
100Kb / 10P
   Octal inverter buffer (3- State)
1990 Jan 08
74ALS240A PHILIPS-74ALS240A Datasheet
114Kb / 9P
   Octal inverter buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com