Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXE15-48S05 Datasheet(PDF) 8 Page - Artesyn Technologies

Part # CXE15-48S05
Description  High Efficiency DC/DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXE15-48S05 Datasheet(HTML) 8 Page - Artesyn Technologies

Back Button CXE15-48S05 Datasheet HTML 4Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 5Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 6Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 7Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 8Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 9Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 10Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 11Page - Artesyn Technologies CXE15-48S05 Datasheet HTML 12Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SXA10 Series
| 15W DC/DC
CXE15 Single Series
| 10.8 to 15W DC/DC
High Efficiency DC/DC converters
8
Input Characteristics
CXE15-48S2V5 Model
Electrical Characteristics - O/P
CXE15-48S2V5 Model
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vo (nom.)
2.44
2.50
2.56
VDC
Vin = Vin (nom); Iout = Iout (nom)
Worst case condition over line,
load, temperature and life
Total regulation band
Vo
2.42
2.58
VDC
For all line, static load and
temperature until end of life
Line regulation
0.5
%
Iout = Iout (nom);
Vin (min) to Vin (max)
Load regulation
1.5
%
Vin = Vin (nom);
Iout (min) to Iout (max)
Output current continuous
Iout
0.00
6
ADC
Output current - short circuit
Isc
10
12
A RMS
Continuous, unit auto recovers
from short, Vo < 100mV
Output voltage - noise
Vp-p
40
70
mV pk-pk Measurement bandwidth 20 MHz
Vrms
14
20
mV rms
See Application Note 116 for
set-up details
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
Iin
0.367
0.372
ADC
Vin = Vin (nom);
Iout = Iout (max.); Vo = Vo (nom)
Input current - maximum
Iin (max.)
0.541
0.548
ADC
Vin = Vin (min);
Iout = Iout (max.); Vo = Vo (nom)
Reflected ripple current
Iin (ripple)
1.8
mA RMS
Iout = Iout (max.), measured
5
mA pk-pk with external filter. See
Application Note 116 details
Input capacitance -
Cinput
1.5
µF
Internal to converter
internal filter
Input capacitance -
Cbypass
0
µF
Recommended customer
External bypass
added capacitance


Similar Part No. - CXE15-48S05

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
CXE15-48S05J EMERSON-NETWORKPOWER-CXE15-48S05J Datasheet
262Kb / 3P
   15 W High Efficiency DC-DC Converters
More results

Similar Description - CXE15-48S05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com