Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3443T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGS3443T1G
Description  Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3443T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTGS3443T1G Datasheet HTML 1Page - ON Semiconductor NTGS3443T1G Datasheet HTML 2Page - ON Semiconductor NTGS3443T1G Datasheet HTML 3Page - ON Semiconductor NTGS3443T1G Datasheet HTML 4Page - ON Semiconductor NTGS3443T1G Datasheet HTML 5Page - ON Semiconductor NTGS3443T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTGS3443T1
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
0
1200
1000
8
800
600
10
6
412
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
400
200
0
214
20
18
16
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
5
4
3
2
1
0
Qg, TOTAL GATE CHARGE (nC)
04
5
3
26
1
78
TJ = 25°C
ID = −4.4 A
VGS
QT
Q1
Q2
−50
50
0.8
0
100
1.2
1
0.6
150
Figure 9. Gate Threshold Voltage Variation
with Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = −250 mA
0.9
1.3
1.1
0.7
25
−25
75
125
Figure 10. Diode Forward Voltage vs. Current
4
3
2
1
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
0.3
0.7
0.8
0.6
0.5
0.9
0.4
1
TJ = 150°C
TJ = 25°C
VGS = 0 V


Similar Part No. - NTGS3443T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3443T1G ONSEMI-NTGS3443T1G Datasheet
111Kb / 6P
   Power MOSFET 4.4 Amps, 20 Volts
December, 2012 ??Rev. 5
logo
VBsemi Electronics Co.,...
NTGS3443T1G VBSEMI-NTGS3443T1G Datasheet
1,000Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3443T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3446 ONSEMI-NTGS3446 Datasheet
51Kb / 4P
   Power MOSFET 5.1 Amps, 20 Volts N?묬hannel TSOP??
November, 2003 ??Rev. 3
NTGS3455T1 ONSEMI-NTGS3455T1 Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
NVGS3441T1G ONSEMI-NVGS3441T1G Datasheet
110Kb / 6P
   Power MOSFET 1 Amp, 20 Volts, P?묬hannel TSOP??
October, 2012 ??Rev. 6
MMDF2P02HD ONSEMI-MMDF2P02HD Datasheet
100Kb / 8P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMSF3P02HD ONSEMI-MMSF3P02HD Datasheet
102Kb / 8P
   Power MOSFET 3 Amps, 20 Volts P?묬hannel SO??
February, 2006 ??Rev. 7
MTB2P50E ONSEMI-MTB2P50E Datasheet
90Kb / 8P
   Power MOSFET 2 Amps, 500 Volts P?묬hannel D2PAK
June, 2006 ??Rev. 4
MTP12P10 ONSEMI-MTP12P10 Datasheet
78Kb / 6P
   Power MOSFET 12 Amps, 100 Volts P?묬hannel TO??20
June, 2006 ??Rev. 4
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
MMDF2P02E ONSEMI-MMDF2P02E Datasheet
99Kb / 7P
   Power MOSFET 2 Amps, 25 Volts P?묬hannel SO??, Dual
April, 2006 ??Rev. 8
MMDF2P03HDR2 ONSEMI-MMDF2P03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 2 Amps, 30 Volts P?묬hannel SO??, Dual
August, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com