Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE104C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VRE104C
Description  VRE104
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRE104C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VRE104C Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE104C Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE104C Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE104C Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE104C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VRE104
Precision
Reference Supplies
•• VERY HIGH ACCURACY: 4.5000 V OUTPUT ±0.4 mV
•• EXTREMELY LOW DRIFT: 0.6 ppm/°C -55°C to +125°C
•• EXCELLENT STABILITY: 6 ppm/1000 Hrs. Typ.
•• EXCELLENT LINE REGULATION: 6 ppm/V Typ.
•• WIDE SUPPLY RANGE: +13.5 to +22.0 V
•• HERMETIC 14-PIN CERAMIC DIP
•• MILITARY PROCESSING OPTIONS
DESCRIPTION
APPLICATIONS
•• PRECISION A/D and D/A CONVERTERS
•• TRANSDUCER EXCITATION
•• ACCURATE COMPARATOR THRESHOLD
REFERENCE
•• HIGH RESOLUTION SERVO SYSTEMS
•• DIGITAL VOLTMETERS
•• HIGH PRECISION TEST and
MEASUREMENT INSTRUMENTS
FEATURES
SELECTION GUIDE
VRE104 Series Precision Voltage References
provide ultrastable +4.500 V outputs with up to
±0.4
mV
initial
accuracy
and
temperature
coefficient as low as 0.6 ppm/°C over the full
military temperature range.
These references are specifically designed to be
used with the Crystal Semiconductor line of
successive-approximation type Analog to Digital
Converters (ADCs). This line of ADCs sets new
standards for temperature drift, which can only be
as good as the external reference used. The
Thaler VRE104 combined with a Crystal ADC will
provide
the
lowest
drift
data
conversion
obtainable.
Type
Output
Temperature
Operating Range
Max. Volt
Deviation
VRE104C
+4.5V
-25°C to +85°C
0.4mV
VRE104CA
+4.5V
-25°C to +85°C
0.2mV
VRE104M
+4.5V
-55°C to +125°C
0.6mV
VRE104MA
+4.5V
-55°C to +125°C
0.3mV
VRE104 series devices are available in two operating temperature ranges, -25°C to +85°C and -55°C to
+125°C, and two performance grades. All devices are packaged in 14-pin hermetic ceramic packages for
maximum long-term stability. "M" versions are screened for high reliability and quality.
Superior stability, accuracy, and quality make the VRE104 ideal for all precision applications which may
require a 4.5V reference. High-accuracy test and measurement instrumentation, and transducer excitation are
some other applications which can benefit from the high accuracy of the VRE104.
VRE104DS REV. C SEPT 1994
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000


Similar Part No. - VRE104C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104C CIRRUS-VRE104C Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE104C CIRRUS-VRE104C Datasheet
716Kb / 5P
   Precision Voltage Reference
VRE104CA CIRRUS-VRE104CA Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE104CA CIRRUS-VRE104CA Datasheet
716Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com