Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3300-3 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3300-3
Description  3V 1900MHz LINEAR AMPLIFIER MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3300-3 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3300-3 Datasheet HTML 1Page - RF Micro Devices RF3300-3 Datasheet HTML 2Page - RF Micro Devices RF3300-3 Datasheet HTML 3Page - RF Micro Devices RF3300-3 Datasheet HTML 4Page - RF Micro Devices RF3300-3 Datasheet HTML 5Page - RF Micro Devices RF3300-3 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-550
RF3300-3
Rev A5 030612
Pin
Function
Description
Interface Schematic
1VCC3
Bias circuit and HDET power supply. A low frequency decoupling
capacitor (2.2
µF) is required. Type: P
2GND
Ground connection. Connect to the GND_SLUG pin. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane. Type: P
3GND
Ground connection. Connect to the GND_SLUG pin. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane. Type: P
4RF IN
RF input internally matched to 50
Ω. This input is internally AC-coupled
at the IC; however a shunt inductor used in the input matching network
will provide a DC path to ground for components connected to the RF
IN pin. A DC blocking capacitor may be required at this pin. Type: A, I
5VCC1
First stage power supply. A low frequency decoupling capacitor (2.2
µF)
is required. Type: P
6GND
Ground connection. Connect to the GND_SLUG pin. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane. Type: P
7GND
Ground connection. Connect to the GND_SLUG pin. For best perfor-
mance, keep traces physically short and connect immediately to
ground plane. Type: P
8RF OUT
RF output internally matched to 50
Ω. This input is internally AC-cou-
pled. Type: A, O
9VCC2
Output stage power supply. A low frequency decoupling capacitor
(2.2
µF) is required. Type: P
10
PDET_OUT Power detector output. Type: A, O
11
VMODE
Gain step control. When this pin is High, the module is in low power
mode, and the amplifier’s current is reduced. When this pin is Low, the
module is in high power mode. Voltage should not be applied to this pin
before VCC3 is applied. Type: D, I
12
PA_ON
Device enable control. When this pin is High, the device is on. When
this pin is Low, the device is off. Voltage should not be applied to this
pin before VCC3 is applied. Type: D, I
13
GND_SLUG Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias. The pad should have a short thermal path to the ground
plane. Type: P
Note: Where Type code is:
I=Input; O=Output; A=Analog; D=Digital; P=Power
RF IN
From
Bias
Stage
VCC1


Similar Part No. - RF3300-3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
   3V 900MHz LINEAR AMPLIFIER MODULE
More results

Similar Description - RF3300-3

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4 Datasheet
67Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
   3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com