Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450TA502EM3S Datasheet(PDF) 1 Page - CTS Corporation

Part # 450TA502EM3S
Description  Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450TA502EM3S Datasheet(HTML) 1 Page - CTS Corporation

  450TA502EM3S Datasheet HTML 1Page - CTS Corporation 450TA502EM3S Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Industrial
15/16" (24mm)
diameter 1/2 watt
composition
variable resistor
The CTS 450 Stock Pot™ Program provides
immediate off-the-shelf availability from select CTS
distributors. The program offers a choice of 11 of
the most commonly used resistance values, linear or
10% logarithmic tapers and 17 popular plug in
shafts which can be quickly assembled.
• Off-the-shelf availability
• Choice of linear or 10% logarithmic tapers
• Wide resistance range
• ±20% resistance tolerance
• Available with four shaft styles: knurled and
slotted, flatted or round, with a wide selection
of lengths and styles. Generally eliminates the
need for cutting or modification.
• Economical even in limited volume applications
• Supplied with mounting hardware
Series 450 Stock Pot™
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Electrical and Mechanical Specifications
Resistance Range
500 ohms through 1 Megohm
Resistance Tolerance
Standard ±20%
Power Rating, Watts
Through 10K ohms, 1/2 watt; above 100K ohms
through 100K ohms, 1/3 watt; above 100K ohms,
1/4 watt
Voltage Rating
Bushing to terminals:
High pot test, one minute — 1080 VAC
Operating maximum
— 750 VDC
Shaft Information
Diameter: .250" (6.35mm)
Angle of Rotation
Total Rotation: 300 degrees, ±5º
Effective Rotation: approximately 300 degrees
Bushing Information
Material: diecast zinc
Diameter: EIA std. 3/8 – 32 UNEF-2A thread
Length:
3/8" ±1/64" (9.53mm ± 0.39mm)
Available with 3/8" – 32 UNEF-2A thread only
Terminal Information
Solder lug, PC formed to rear
Locating Lug
Left side, terminals down
Optional Switch
SPST rotary switch 050 is available with limited shaft
and resistance options. See ordering information.
Technical Data Sheet 1450SPB


Similar Part No. - 450TA502EM3S

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450TA24F252A1A1 CTS-450TA24F252A1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450TA24F252A1A2 CTS-450TA24F252A1A2 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450TA24F252A1G1 CTS-450TA24F252A1G1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450TA24F252A1G2 CTS-450TA24F252A1G2 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450TA24F252A2A1 CTS-450TA24F252A2A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
More results

Similar Description - 450TA502EM3S

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com