10 / 15 page
s RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
q 1 bit
A type
q 2 bits
A type
B type
B type
Note) The zero point is the center of mounting.
(Unit : mm)
1.27
0.76
1.27
0.76
0
0
1
0
1
0
q CHS-08D
11.7
1.27
±0.15
1.4
±0.15
Schematic
0.15
0.4
+ 0.1
–0.05
+0.1
–0.05
Production date code
<
The D version with opposite pin direction is available upon receipt of your order.>
s OUTLINE DIMENSIONS (Excluding the seal tape)
SLIDE SWITCHES (SMD)
CHS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS