Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016-0PG208M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL4016-0PG208M
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4016-0PG208M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL4016-0PG208M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-0PG208M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
8-41
Military QuickRAM
Rev A
PQFP/CQFP 240/208 Pinout Table
PINOUT TABLE
PINOUT TABLE
240
208
Function
240
208
Function
240
208
Function
240
208
Function
240
208
Function
PQFP PQFP
PQFP PQFP
PQFP PQFP
PQFP PQFP
PQFP PQFP
1
208
I/O
51
43
GND
98
84
I/O
145
125
I/O
194
168
I/O
2
1
I/O
52
44
I/O
99
85
I/O
146
126
I/O
195
169
I/O
3
2
I/O
53
45
I/O
100
86
I/O
147
127
GND
196
NC
I/O
4
3
I/O
54
46
I/O
101
87
I/O
148
128
I/O
197
170
I/O
5
4
I/O
55
47
I/O
102
88
I/O
149
NC
I/O
198
171
I/O
6
5
I/O
56
48
I/O
103
89
I/O
150
129
GCLK / I
199
172
I/O
7
NC
I/O
57
NC
I/O
104
90
I/O
151
130
ACLK / I
200
173
I/O
8
6
I/O
58
49
I/O
105
91
I/O
152
131
VCC
201
174
I/O
9
7
I/O
59
50
I/O
106
92
I/O
153
132
GCLK / I
202
175
I/O
10
8
I/O
60
51
I/O
107
NC
I/O
154
133
GCLK / I
203
NC
I/O
11
9
I/O
NC
52
I/O
108
93
I/O
155
134
VCC
204
176
I/O
12
10
VCC
NC
53
I/O
109
94
I/O
156
135
I/O
205
177
GND
13
11
I/O
61
54
TDI
110
95
GND
157
136
I/O
206
178
I/O
14
12
GND
62
NC
I/O
NC
96
I/O
158
NC
I/O
207
179
I/O
15
13
I/O
63
NC
I/O
111
97
VCC
159
137
I/O
208
NC
I/O
16
14
I/O
64
55
I/O
NC
98
I/O
160
NC
GND
209
180
I/O
17
NC
I/O
65
56
I/O
NC
99
I/O
161
138
I/O
210
181
I/O
18
15
I/O
66
NC
I/O
112
100
I/O
162
139
I/O
211
182
GND
19
16
I/O
67
57
I/O
113
NC
I/O
163
140
I/O
212
NC
VCC
20
17
I/O
68
58
I/O
114
101
I/O
164
141
I/O
213
183
I/O
21
18
I/O
69
59
GND
115
NC
I/O
165
142
I/O
214
184
I/O
22
19
I/O
70
60
I/O
116
102
I/O
166
NC
I/O
215
185
I/O
23
20
I/O
71
61
VCC
117
NC
I/O
167
143
I/O
216
186
I/O
24
NC
I/O
72
62
I/O
118
NC
I/O
168
144
I/O
217
187
VCCIO
25
21
I/O
73
63
I/O
119
103
TRSTB
169
145
VCC
218
188
I/O
26
22
I/O
74
64
I/O
120
104
TMS
170
NC
I/O
219
NC
I/O
27
23
GND
75
NC
I/O
121
105
I/O
171
146
I/O
220
189
I/O
28
24
I/O
76
65
I/O
122
NC
I/O
172
147
GND
221
190
I/O
29
25
GCLK / I
77
66
I/O
123
106
I/O
173
148
I/O
222
191
I/O
30
26
ACLK / I
78
67
I/O
124
107
I/O
174
149
I/O
223
192
I/O
31
27
VCC
79
NC
I/O
125
108
I/O
175
150
I/O
224
193
I/O
32
28
GCLK / I
80
68
I/O
126
109
I/O
176
151
I/O
225
194
I/O
33
29
GCLK / I
81
69
I/O
127
NC
I/O
177
152
I/O
226
NC
I/O
34
30
VCC
82
70
I/O
128
110
I/O
178
153
I/O
227
195
I/O
35
31
I/O
83
NC
I/O
129
111
I/O
179
154
I/O
228
196
I/O
36
32
I/O
NC
71
I/O
130
112
I/O
180
155
I/O
229
197
I/O
37
NC
GND
84
NC
I/O
131
113
I/O
NC
156
I/O
230
198
I/O
38
33
I/O
85
72
I/O
132
114
VCC
181
157
TCK
231
NC
I/O
39
NC
I/O
86
73
GND
133
115
I/O
182
158
STM
232
199
GND
40
34
I/O
87
74
I/O
134
116
GND
183
NC
I/O
233
200
I/O
41
35
I/O
88
NC
VCC
135
117
I/O
184
159
I/O
234
201
VCC
42
36
I/O
89
75
I/O
136
NC
I/O
185
160
I/O
235
202
I/O
43
NC
I/O
90
76
I/O
137
118
I/O
186
161
I/O
236
203
I/O
44
37
I/O
91
77
I/O
138
119
I/O
187
162
I/O
237
204
I/O
45
38
I/O
92
78
GND
139
120
I/O
188
163
GND
238
205
I/O
46
39
I/O
93
79
I/O
140
121
I/O
189
164
I/O
239
206
I/O
47
NC
I/O
94
80
I/O
141
NC
I/O
190
165
VCC
240
207
TDO
48
40
I/O
95
81
I/O
142
122
I/O
191
166
I/O
49
41
VCC
96
82
I/O
143
123
I/O
192
NC
I/O
50
42
I/O
97
83
VCCIO
144
124
I/O
193
167
I/O


Similar Part No. - QL4016-0PG208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-0PF100C ETC-QL4016-0PF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0PF100I ETC-QL4016-0PF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0PF100M ETC-QL4016-0PF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0PF144C ETC-QL4016-0PF144C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-0PF144I ETC-QL4016-0PF144I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-0PG208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com