Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-12YZQR Datasheet(PDF) 11 Page - Texas Instruments

Part # LP2985-12YZQR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-12YZQR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2985-12YZQR Datasheet HTML 7Page - Texas Instruments LP2985-12YZQR Datasheet HTML 8Page - Texas Instruments LP2985-12YZQR Datasheet HTML 9Page - Texas Instruments LP2985-12YZQR Datasheet HTML 10Page - Texas Instruments LP2985-12YZQR Datasheet HTML 11Page - Texas Instruments LP2985-12YZQR Datasheet HTML 12Page - Texas Instruments LP2985-12YZQR Datasheet HTML 13Page - Texas Instruments LP2985-12YZQR Datasheet HTML 14Page - Texas Instruments LP2985-12YZQR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
ON/OFF operation
The LP2985LV allows for a shutdown mode via the ON/OFF pin. Driving the pin LOW (
≤0.3 V) turns the device
OFF, conversely, a HIGH (
≥1.6 V) turns the device ON. If the shutdown feature is not used, the ON/OFF pin
should be connected to the input to ensure that the regulator is on at all times. For proper operation, do not leave
the ON/OFF pin unconnected and apply a signal with a slew rate of
≥40 mV/µs.
reverse input-output voltage
There is an inherent diode present across the PNP pass element of the LP2985LV.
VOUT
VIN
With the anode connected to the output, this diode is reverse biased during normal operation since the input
voltage is higher than the output. However, if the output is pulled higher than the input for any reason, this diode
will be forward biased and can cause a parasitic silicon-controlled rectifier (SCR) to latch, resulting in high
current flowing from the output to the input. Thus, to prevent possible damage to the regulator in any application
where the output may be pulled above the input, an external Schottky diode must be connected between the
output and input. With the anode on output, this Schottky limits the reverse voltage across the output and input
pins to
0.3 V, preventing the regulator’s internal diode from forward biasing.
VOUT
VIN
Schottky
LP2985LV


Similar Part No. - LP2985-12YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-10 TI-LP2985-10 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI1-LP2985-10DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results

Similar Description - LP2985-12YZQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com