Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016-1PG208M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QL4016-1PG208M
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4016-1PG208M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QL4016-1PG208M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-1PG208M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
8-39
Military QuickRAM
Rev A
Pinout Diagram 100-Pin CQFP
100 CQFP Pinout Table
QuickRAM
QL4016-1CF100M
Pin #1
Pin #76
Pin #26
Pin #51
PINOUT DIAGRAM 100-PIN CQFP
100
TQFP
Function
100
TQFP
Function
100
TQFP
Function
100
TQFP
Function
1
I/O
26
TDI
51
I/O
76
TCK
2
I/O
27
I/O
52
I/O
77
STM
3
I/O
28
I/O
53
I/O
78
I/O
4
I/O
29
I/O
54
I/O
79
I/O
5
I/O
30
I/O
55
I/O
80
I/O
6
I/O
31
I/O
56
I/O
81
I/O
7
I/O
32
I/O
57
I/O
82
I/O
8
I/O
33
I/O
58
I/O
83
I/O
9
GND
34
I/O
59
GND
84
I/O
10
I/O
35
GND
60
I/O
85
GND
11
GCLK / I
36
I/O
61
GCLK / I
86
I/O
12
ACLK / I
37
I/O
62
ACLK / I
87
I/O
13
VCC
38
GND
63
VCC
88
GND
14
GCLK / I
39
I/O
64
GCLK / I
89
I/O
15
GCLK / I
40
I/O
65
GCLK / I
90
I/O
16
VCC
41
I/O
66
VCC
91
I/O
17
I/O
42
VCCIO
67
I/O
92
VCCIO
18
I/O
43
I/O
68
I/O
93
I/O
19
I/O
44
I/O
69
I/O
94
I/O
20
I/O
45
I/O
70
I/O
95
I/O
21
I/O
46
I/O
71
I/O
96
I/O
22
I/O
47
I/O
72
I/O
97
I/O
23
I/O
48
I/O
73
I/O
98
I/O
24
I/O
49
TRSTB
74
I/O
99
I/O
25
I/O
50
TMS
75
I/O
100
TDO


Similar Part No. - QL4016-1PG208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-1PF100C ETC-QL4016-1PF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PF100I ETC-QL4016-1PF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PF100M ETC-QL4016-1PF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PF144C ETC-QL4016-1PF144C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PF144I ETC-QL4016-1PF144I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-1PG208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com