Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

448UE1501ADC Datasheet(PDF) 1 Page - CTS Corporation

Part # 448UE1501ADC
Description  Linear motion 0.2 watt composition slide control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

448UE1501ADC Datasheet(HTML) 1 Page - CTS Corporation

  448UE1501ADC Datasheet HTML 1Page - CTS Corporation 448UE1501ADC Datasheet HTML 2Page - CTS Corporation 448UE1501ADC Datasheet HTML 3Page - CTS Corporation 448UE1501ADC Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Linear motion
0.2 watt
composition
slide control
Features
• Innovative AC power switch, SPST or
SPDT, available on mono element
resistors
• 10-60mm slider travel
• 0.2 watt power rating (resistor)
• 1000 watt power rating (SPST switch)
• 600 watt power rating (SPDT switch)
• Detent at 50% travel available
• Multiple detents available
• Single or dual element designs
• Economical
• Wide resistance range
• Slim construction permits stacking
many units in a small space
Technical Data Sheet 1448C
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Series 448
Electrical and Mechanical Specifications
Resistance Range
500 ohms through 1 megohm
Resistance Tolerance
Standard ±20%
Available ±10%
Resistance Tapers
Standard: Linear
Special: Available upon request
Insulation Resistance
10 megohms at 250 VDC
Voltage Rating
Across end terminals
Linear curves—300 VDC
(Not to exceed wattage ratings)
Power Rating, watts
Resistor:
0.2 watt @ 55°C derated to no load
@ 85°C, linear taper
Switch: 1000 watts 120VAC (tungsten-filament load)
6A 120VAC @ 0.75-0.80PF (inductive load)
Power Switch (optional)
SPST -
10,000 cycles carrying 1000 watts 120 VAC
(Tungsten-filament)
10,000 cycles switching 6A 120 VAC @ 0.75-0.80PF
(Inductive load)
SPDT - 10,000 cycles carrying 600 watts 120 VAC
(Tungsten-filament)
6,000 cycles switching 3A 120 VAC @ 0.75-0.80PF
(Inductive load)
Slide Travel
X and U Style: 10, 15, 20, 30, 45, and 60mm
V Style: 10, 15, 25, 40, and 55mm
Switch: 20mm = 17mm electrical + 3mm switch
30mm = 27mm electrical + 3mm switch
Actuator Information
See Illustrations, page 4 (Actuator Styles)
Operating Force
Either direction 20-150 gf
Switch OFF force: 100-500 gf
Stop Strength: 3K gf maximum, measured at
base of slider
Detent Force (detent optional)
Leaving detent: 20-200 gf over operating force
Operating Life
10,000 cycles
Linear
0.05w
0.1w
0.2w
0.25w
0.5w
Non-linear
0.025w
0.05w
0.1w
0.15w
0.25w
Size
10mm
15mm
30mm
45mm
60mm
Taper
20mm


Similar Part No. - 448UE1501ADC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448UE1501ADC CTS-448UE1501ADC Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
More results

Similar Description - 448UE1501ADC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048_13 Datasheet
257Kb / 1P
   Linear Motion Potentiometer
3048L BOURNS-3048L Datasheet
76Kb / 1P
   Linear Motion Potentiometer
3046 BOURNS-3046 Datasheet
147Kb / 1P
   Linear Motion Potentiometer
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
   Motion Control Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com