Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F400X Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # X76F400X
Description  Secure SerialFlash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X76F400X Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  X76F400X Datasheet HTML 1Page - IC MICROSYSTEMS X76F400X Datasheet HTML 2Page - IC MICROSYSTEMS X76F400X Datasheet HTML 3Page - IC MICROSYSTEMS X76F400X Datasheet HTML 4Page - IC MICROSYSTEMS X76F400X Datasheet HTML 5Page - IC MICROSYSTEMS X76F400X Datasheet HTML 6Page - IC MICROSYSTEMS X76F400X Datasheet HTML 7Page - IC MICROSYSTEMS X76F400X Datasheet HTML 8Page - IC MICROSYSTEMS X76F400X Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
X76F400
Characteristics subject to change without notice.
4 of 14
REV 1.0 7/5/00
www.icmic.com
Figure 3. Definition of Start and Stop Conditions
Table 1. X76F400 Instruction Set
Command After Start
Command Description
Password Used
1 S5 S4 S3 S2 S1 S00
Sector Write
Write
1 S5 S4 S3 S2 S1 S0 1
Sector Read
Read
1 1 1 1 1 1 0 0
Change Write Password
Write
1 1 1 1 1 1 1 0
Change Read Password
Write
0 1 0 1 0 1 0 1
Password ACK Command
None
SCL
SDA
START Condition
STOP Condition
Illegal command codes will be disregarded. The part will
respond with a “no-ACK” to the illegal byte and
then return to the standby mode. All write/read operations
require a password.
PROGRAM OPERATIONS
Sector Write
The sector write mode requires issuing the 8-bit write
command followed by the password and then the data
bytes transferred as illustrated in Figure 4. The write
command byte contains the address of the sector to be
written. Data is written starting at the first address of a
sector and 8 bytes must be transferred. After the last
byte to be transferred is acknowledged, a stop condition is
issued which starts the nonvolatile write cycle. If
more or less than 8 bytes are transferred, the data in the
sector remains unchanged.
ACK Polling
Once a stop condition is issued to indicate the end of the
host’s write sequence, the X76F400 initiates the
internal nonvolatile write cycle. In order to take advantage of
the typical 5ms write cycle, ACK polling can
begin immediately. This involves issuing the start condition
followed by the new command code of 8 bits
(first byte of the protocol). If the X76F400 is still busy
with the nonvolatile write operation, it will issue a “no-
ACK” in response. If the nonvolatile write operation is
completed, an “ACK” will be returned and the host can then
proceed with the rest of the protocol.
Data ACK Polling Sequence
ACK
Returned?
Issue New
Command Code
Write Sequence
Completed Enter ACK
Polling
Issue START
NO
YES
PROCEED


Similar Part No. - X76F400X

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F041 XICOR-X76F041 Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041A XICOR-X76F041A Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041A-3 XICOR-X76F041A-3 Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041AE XICOR-X76F041AE Datasheet
107Kb / 21P
   PASS TM SecureFlash
X76F041AE-3 XICOR-X76F041AE-3 Datasheet
107Kb / 21P
   PASS TM SecureFlash
More results

Similar Description - X76F400X

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com