Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-13YEUR Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2985-13YEUR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-13YEUR Datasheet(HTML) 1 Page - Texas Instruments

  LP2985-13YEUR Datasheet HTML 1Page - Texas Instruments LP2985-13YEUR Datasheet HTML 2Page - Texas Instruments LP2985-13YEUR Datasheet HTML 3Page - Texas Instruments LP2985-13YEUR Datasheet HTML 4Page - Texas Instruments LP2985-13YEUR Datasheet HTML 5Page - Texas Instruments LP2985-13YEUR Datasheet HTML 6Page - Texas Instruments LP2985-13YEUR Datasheet HTML 7Page - Texas Instruments LP2985-13YEUR Datasheet HTML 8Page - Texas Instruments LP2985-13YEUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Wafer Chip
Scale Packages
D Output Tolerance of:
− 1% (A Grade)
− 1.5% (Standard Grade)
D Ultra Low Dropout, Typically
280 mV at Full Load of 150 mA
D Wide VIN Range ... 16 V (Max)
D Low IQ ... 850 µA at Full Load at 150 mA
D Shutdown Current... 0.01 µA Typ
D Low Noise ...30 µVRMS With 10-nF Bypass
Capacitor
D Stable With Low ESR Capacitors, Including
Ceramic
D Over-Current and Thermal Protection
D High Peak Current Capability
D For VOUT Options .2.5 V, See LP2985 Data
Sheet
D Portable Applications
− Cellular Phones
− Palmtop and Laptop Computers
− Personal Digital Assistants (PDAs)
− Digital Cameras and Camcorders
− CD Players
− MP3 Players
description/ordering information
The LP2985LV family of fixed-output, low-dropout regulators offers exceptional, cost-effective performance for
both portable and nonportable applications. Available in voltages of 1.25 V, 1.35 V, 1.5 V, 1.7 V, 1.8 V, and
2 V, the family has an output tolerance of 1% for the A version (1.5% for the non-A version), and is capable of
delivering 150-mA continuous load current. Standard regulator features, such as over-current and
over-temperature protection, are included.
The LP2985LV has a host of features that makes the regulator an ideal candidate for a variety of portable
applications:
Low dropout: A PNP pass element allows a typical dropout of 280 mV at 150-mA load current.
Low quiescent current: The use of a vertical PNP process allows for quiescent currents that are
considerably lower than those associated with traditional lateral PNP regulators.
Shutdown: A shutdown feature is available, allowing the regulator to consume only 0.01 µA when the
ON/OFF pin is pulled low.
Low-ESR-capacitor friendly: The regulator is stable with low ESR capacitors, allowing for the use of
small, inexpensive ceramic capacitors in cost-sensitive applications.
Copyright
 2004, Texas Instruments Incorporated
DBV (SOT-23) PACKAGE
(TOP VIEW)
1
2
3
5
4
VIN
GND
ON/OFF
VOUT
BYPASS
VOUT
YEQ, YEU, YZQ, OR YZU (WCSP) PACKAGE
(TOP VIEW)
B2
C1
C3
A1
A3
VIN
BYPASS
ON/OFF
GND
NanoStar and NanoFree are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - LP2985-13YEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-10 TI-LP2985-10 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI1-LP2985-10DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results

Similar Description - LP2985-13YEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com