Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4036-0CF208M Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QL4036-0CF208M
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4036-0CF208M Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL4036-0CF208M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4036-0CF208M Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
42
Preliminary
8-42
Military QuickRAM
Rev A
Pinout Diagram 84-Pin CPGA
84-Pin CPGA Pinout Table
PINOUT DIAGRAM 84-PIN CPGA
84 CPGA
Function
84 CPGA
Function
84 CPGA
Function
84 CPGA
Function
A1
I/O
B11
I/O
F9
I/O
K2
I/O
A2
I/O
C1
VCC
F10
I/O
K3
I/O
A3
I/O
C2
I/O
F11
I/O
K4
I/O
A4
I/O
C5
VCC
G1
I/O
K5
GCLK / I
A5
I/O
C6
ACLK / I
G2
I/O
K6
GCLK / I
A6
I/O
C7
GND
G3
VCCIO
K7
GCLK / I
A7
I/O
C10
I/O
G9
GND
K8
I/O
A8
I/O
C11
I/O
G10
I/O
K9
I/O
A9
I/O
D1
I/O
G11
I/O
K10
TCK
A10
I/O
D2
I/O
H1
I/O
K11
I/O
A11
TDO
D10
I/O
H2
I/O
L1
TMS
B1
I/O
D11
I/O
H10
VCC
L2
I/O
B2
TDI
E1
I/O
H11
I/O
L3
I/O
B3
I/O
E2
I/O
J1
I/O
L4
I/O
B4
I/O
E3
GND
J2
TRSTB
L5
I/O
B5
GCLK / I
E9
VCCIO
J5
GND
L6
I/O
B6
GCLK / I
E10
I/O
J6
ACLK / I
L7
I/O
B7
GCLK / I
E11
I/O
J7
VCC
L8
I/O
B8
I/O
F1
I/O
J10
STM
L9
I/O
B9
I/O
F2
I/O
J11
I/O
L10
I/O
B10
I/O
F3
I/O
K1
I/O
L11
I/O
QuickRAM
QL4016-1CG84M


Similar Part No. - QL4036-0CF208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100C ETC1-QL4009-0PF100C Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100I ETC1-QL4009-0PF100I Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF100M ETC1-QL4009-0PF100M Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4009-0PF84C ETC1-QL4009-0PF84C Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4036-0CF208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com