Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016-1CF208M Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QL4016-1CF208M
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4016-1CF208M Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QL4016-1CF208M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 13Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 14Page - List of Unclassifed Manufacturers QL4016-1CF208M Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
8-47
Military QuickRAM
Rev A
Pinout Table 456-Pin PBGA
(Cont’d on next page)
PINOUT TABLE 456-PIN PBGA
456
Function
456
Function
456
Function
456
Function
456
Function
A1
I/O
B26
STM
D25
I/O
H4
I/O
M14
GND/THERM
A2
I/O
C1
I/O
D26
I/O
H5
NC
M15
GND/THERM
A3
I/O
C2
I/O
E1
I/O
H22
NC
M16
GND/THERM
A4
I/O
C3
I/O
E2
I/O
H23
I/O
M22
NC
A5
I/O
C4
TDO
E3
I/O
H24
I/O
M23
NC
A6
I/O
C5
I/O
E4
I/O
H25
I/O
M24
I/O
A7
I/O
C6
I/O
E5
GND
H26
I/O
M25
I/O
A8
I/O
C7
I/O
E6
VCC
J1
I/O
M26
I/O
A9
I/O
C8
I/O
E7
GND
J2
I/O
N1
GCLK/I
A10
I/O
C9
I/O
E8
NC
J3
I/O
N2
I/O
A11
I/O
C10
I/O
E9
GND
J4
NC
N3
I/O
A12
VCCIO
C11
I/O
E10
I/O
J5
GND
N4
GCLK/I
A13
I/O
C12
I/O
E11
GND
J22
NC
N5
VCC
A14
I/O
C13
I/O
E12
GND
J23
NC
N11
GND/THERM
A15
I/O
C14
I/O
E13
VCC
J24
I/O
N12
GND/THERM
A16
I/O
C15
I/O
E14
GND
J25
I/O
N13
GND/THERM
A17
I/O
C16
I/O
E15
GND
J26
I/O
N14
GND/THERM
A18
I/O
C17
I/O
E16
GND
K1
I/O
N15
GND/THERM
A19
I/O
C18
I/O
E17
NC
K2
I/O
N16
GND/THERM
A20
I/O
C19
I/O
E18
GND
K3
I/O
N22
GND
A21
I/O
C20
I/O
E19
NC
K4
I/O
N23
I/O
A22
I/O
C21
I/O
E20
GND
K5
VCC
N24
I/O
A23
I/O
C22
I/O
E21
VCC
K22
GND
N25
I/O
A24
I/O
C23
I/O
E22
GND
K23
I/O
N26
I/O
A25
I/O
C24
I/O
E23
I/O
K24
I/O
P1
I/O
A26
I/O
C25
TCK
E24
I/O
K25
I/O
P2
I/O
B1
I/O
C26
I/O
E25
I/O
K26
I/O
P3
I/O
B2
I/O
D1
I/O
E26
I/O
L1
I/O
P4
I/O
B3
I/O
D2
I/O
F1
I/O
L2
I/O
P5
NC
B4
I/O
D3
I/O
F2
I/O
L3
I/O
P11
GND/THERM
B5
I/O
D4
GND
F3
I/O
L4
I/O
P12
GND/THERM
B6
I/O
D5
I/O
F4
NC
L5
NC
P13
GND/THERM
B7
I/O
D6
NC
F5
VCC
L11
GND/THERM
P14
GND/THERM
B8
I/O
D7
I/O
F22
VCC
L12
GND/THERM
P15
GND/THERM
B9
I/O
D8
I/O
F23
NC
L13
GND/THERM
P16
GND/THERM
B10
I/O
D9
GND
F24
I/O
L14
GND/THERM
P22
NC
B11
I/O
D10
I/O
F25
I/O
L15
GND/THERM
P23
GCLK / I
B12
I/O
D11
I/O
F26
I/O
L16
GND/THERM
P24
GCLK / I
B13
I/O
D12
GND
G1
I/O
L22
NC
P25
I/O
B14
I/O
D13
I/O
G2
I/O
L23
I/O
P26
ACLK / I
B15
I/O
D14
I/O
G3
I/O
L24
I/O
R1
I/O
B16
I/O
D15
GND
G4
I/O
L25
I/O
R2
I/O
B17
I/O
D16
I/O
G5
NC
L26
I/O
R3
I/O
B18
I/O
D17
I/O
G22
GND
M1
ACLK / I
R4
NC
B19
I/O
D18
GND
G23
I/O
M2
GCLK/I
R5
NC
B20
I/O
D19
I/O
G24
I/O
M3
I/O
R11
GND/THERM
B21
I/O
D20
I/O
G25
I/O
M4
NC
R12
GND/THERM
B22
I/O
D21
NC
G26
I/O
M5
GND
R13
GND/THERM
B23
I/O
D22
I/O
H1
I/O
M11
GND/THERM
R14
GND/THERM
B24
I/O
D23
GND
H2
I/O
M12
GND/THERM
R15
GND/THERM
B25
I/O
D24
I/O
H3
I/O
M13
GND/THERM
R16
GND/THERM


Similar Part No. - QL4016-1CF208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-1CF100C ETC-QL4016-1CF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1CF100I ETC-QL4016-1CF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1CF100M ETC-QL4016-1CF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-1CF208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com