Electronic Components Datasheet Search |
|
YWW7640AE Datasheet(PDF) 2 Page - IC MICROSYSTEMS |
|
YWW7640AE Datasheet(HTML) 2 Page - IC MICROSYSTEMS |
2 / 14 page X76F400 Characteristics subject to change without notice. 2 of 14 REV 1.0 7/5/00 www.icmic.com PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is an open drain serial data input/output pin. During a read cycle, data is shifted out on this pin. During a write cycle, data is shifted in on this pin. In all other cases, this pin is in a high impedance state. Reset (RST) RST is a device reset pin. When RST is pulsed high, the X76F400 will output 32 bits of fixed data, which conforms to the standard for “synchronous response- to-reset.” The part must not be in a write cycle for the response-to-reset to occur. See Figure 7. If power is interrupted during the response-to-reset, the response- to-reset will be aborted and the part will return to the standby state. The response to reset is “mask programmable” only! DEVICE OPERATION The X76F400 memory array consists of 62 8-byte sectors. Read or write access to the array always begins at the first address of the sector. Read operations then can continue indefinitely. Write operations must total 8 bytes. There are two primary modes of operation for the X76F400; Protected READ and protected WRITE. Pro- tected operations must be performed with one of two 8- byte passwords. The basic method of communication for the device is generating a start condition, then transmitting a com- mand, followed by the correct password. All parts will be shipped from the factory with all passwords equal to ‘0.’ The user must perform ACK polling to determine the validity of the password, prior to starting a data transfer (see Acknowledge Polling). Only after the correct password is accepted, and an ACK polling has been performed, can the data transfer occur. See Figure 1. To ensure the correct communication, RST must remain LOW under all conditions except when running a “response-to-reset sequence”. Data is transferred in 8-bit segments, with each transfer being followed by an ACK, generated by the receiving device. If the X76F400 is in a nonvolatile write cycle a “no ACK” (SDA = High) response will be issued in response to loading of the command byte. If a stop is issued prior to the nonvolatile write cycle, the write operation will be terminated; the part will then reset and enter into a standby mode. (The basic sequence is illustrated in Figure 1.) PIN NAMES PIN CONFIGURATION After each transaction is completed, the X76F400 will reset and enter into a standby mode. This will also be the response if an unsuccessful attempt is made to access a protected array. Symbol Description SDA Serial Data Input/Output SCL Serial Clock Input RST Reset Input VCC Supply Voltage VSS Ground NC No Connect SDA VCC RST SCL NC 1 2 3 4 7 8 6 5 SOIC VSS NC NC VSS RST SDA NC NC 1 2 3 4 7 8 6 5 VCC SCL NC TSSOP |
Similar Description - YWW7640AE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |