Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1013 Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP1013
Description  17.0-26.0 GHz GaAs MMIC Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1013 Datasheet(HTML) 3 Page - Mimix Broadband

  XP1013 Datasheet HTML 1Page - Mimix Broadband XP1013 Datasheet HTML 2Page - Mimix Broadband XP1013 Datasheet HTML 3Page - Mimix Broadband XP1013 Datasheet HTML 4Page - Mimix Broadband XP1013 Datasheet HTML 5Page - Mimix Broadband XP1013 Datasheet HTML 6Page - Mimix Broadband XP1013 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
17.0-26.0 GHz GaAs MMIC
Power Amplifier
Power Amplifier Measurements (cont.)
Page 3 of 7
0289: Pout vs. freq, Pin = 0dBm
10
12
14
16
18
20
22
24
26
28
17
18
19
20
21
22
23
24
25
26
27
freq (GHz)
0289: Pout vs. freq
Pin = 0dBm
10
12
14
16
18
20
22
24
26
28
17
18
19
20
21
22
23
24
25
26
27
freq (GHz)
0289_R4C2 (Vd1 = 6.0V, Id1 = 50mA, Vd2 = 6.0V, Id2 = 90mA, Vd3 = 6.0V, Id3 =
180mA): Pout vs. freq
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
16
17
18
19
20
21
22
23
24
25
freq (GHz)
, MeasFile=4_0289_R4C2_22082003_1726_-12dBm.pin
, MeasFile=4_0289_R4C2_22082003_1728_-10dBm.pin
, MeasFile=4_0289_R4C2_22082003_1730_-8dBm.pin
, MeasFile=4_0289_R4C2_22082003_1732_-6dBm.pin
, MeasFile=4_0289_R4C2_22082003_1733_-4dBm.pin
, MeasFile=4_0289_R4C2_22082003_1735_-2dBm.pin
, MeasFile=4_0289_R4C2_22082003_1736_0dBm.pin
, MeasFile=4_0289_R4C2_22082003_1738_2dBm.pin
, MeasFile=4_0289_R4C2_22082003_1739_4dBm.pin
, MeasFile=4_0289_R4C2_22082003_1740_6dBm.pin
0289_R3C4 (Vd1 = 6.0V, Id1 = 50mA, Vd2 = 6.0V, Id2 = 90mA, Vd3 = 6.0V, Id3 =
180mA): Pout vs. freq
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
16
17
18
19
20
21
22
23
24
25
freq (GHz)
, MeasFile=4_0289_R3C4_25082003_0952_-12dBm.pin
, MeasFile=4_0289_R3C4_25082003_0954_-10dBm.pin
, MeasFile=4_0289_R3C4_25082003_0957_-8dBm.pin
, MeasFile=4_0289_R3C4_25082003_1000_-6dBm.pin
, MeasFile=4_0289_R3C4_25082003_1001_-4dBm.pin
, MeasFile=4_0289_R3C4_25082003_1003_-2dBm.pin
, MeasFile=4_0289_R3C4_25082003_1005_0dBm.pin
, MeasFile=4_0289_R3C4_25082003_1030_2dBm.pin
, MeasFile=4_0289_R3C4_25082003_1032_4dBm.pin
, MeasFile=4_0289_R3C4_25082003_1034_6dBm.pin
May 2005 - Rev 05-May-05
P1013


Similar Part No. - XP1013

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1013-BD MIMIX-XP1013-BD Datasheet
466Kb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1013-BD-000V MIMIX-XP1013-BD-000V Datasheet
466Kb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
XP1013-BD-EV1 MIMIX-XP1013-BD-EV1 Datasheet
466Kb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD_15 Datasheet
461Kb / 7P
   Power Amplifier
More results

Similar Description - XP1013

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1013-BD MIMIX-XP1013-BD Datasheet
466Kb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
   26.0-40.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
29MPA0373 MIMIX-29MPA0373 Datasheet
250Kb / 7P
   26.0-31.0 GHz GaAs MMIC Power Amplifier
XP1024-BD MIMIX-XP1024-BD Datasheet
215Kb / 7P
   26.0-31.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
   17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com