Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4006 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM4006
Description  13.56 MHz 64 Data bit Read Only Contactless Identification Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4006 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM4006 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4006 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EM4006
Copyright
 2001, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
Modulator Switch
Due to the low impedance of the antenna and resonant
capacitor the Modulator Switch has to present low RF
impedance when switched ON (about 100 ohms).
The minimum time period with the Modulator Switch ON
is 38 µs. At lower data rates this time is even much
longer. The current consumption of divider chain running
at 13 MHz is near 60 µA. Putting together this two figures
it is clear that it is not possible to supply the IC during the
time the Modulator Switch is ON from the integrated
Supply Buffer Capacitor which value is approximately 140
pF. The IC has to get power from the RF field also during
the time the Modulator Switch is ON.
This problem is solved by putting the Modulator Switch on
the output of the Rectifier (between VDD and VSS) and
regulating its ON resistance in function of supply voltage.
When the supply voltage is high the ON impedance is low.
When the supply voltage drops near the region where the
operation of the IC at 13.56 MHz is not guaranteed the
ON impedance is increased in order to prevent further
drop.
NRZ-L
STREAM
DM-M
CODED
1
1
1
1
1
1
0
0
0
0
0
Bit i-1
Bit i
x
1
no transition at the beginning of Bit i,
transition in the middle of Bit i
0
0
transition at the beginning of Bit i,
no transition in the middle of Bit i
1
0
no transition at the beginning of Bit i,
no transition in the middle of Bit i
Fig. 6
Power Supply Management
For a correct operation, the device must be initialised.
When the transponder is put in the RF field, the supply
voltage increases until it achieves Vr limit (see Figure 7).
During this time and for an additionnal 64 bit period, the
modulator switch is on and the device initialises its
internal logic.
At this point, the data transmission starts and runs while
the supply voltage is higher than Vmin.
If the supply
voltage decreases under this limit, the device is again in
an initialising state and the modulator is on.


Similar Part No. - EM4006

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM400X EPCOS-EM400X Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - EM4006

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com