Electronic Components Datasheet Search |
|
SC2128C-C42S Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock |
|
SC2128C-C42S Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock |
1 / 13 page Silan Semiconductors SC2128C HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD Rev: 1.1 2001.09.26 1 REMOTE FAN CONTROL IC DESCRIPTION The SC2128C is a high performance electronic fan controller LSI, Speed control, off-timer, rhythm wind, sleep mode, head swing and/or light control are all built into a single chip. Indicator LED output, buzzer output, key control input, as well as remote control decoding circuitry are all provided to build a full function electronic fan with remote control capability having the highest performance with the least external components. Pin assignment and application circuit are optimized for easy PCB layout and cost saving for electronic fan application. FEATURES * High performance CMOS Technology * Low power consumption * Optional independent light control * 90 seconds cycle/6 seconds per step(off step 3 seconds) rhythm wind pattern * Built-in remote control decoding circuitry with mask option custom code * Available in 16,18,20,22,24 pin package for none, one set or two sets of swing head and/or light control * Two sets of swing head and/or light control * Three operation modes: ordinary, rhythm and rhythm sleep. DIP-24-300-2.54 APPLICATIONS * Optimized for fan application * Suitable for heater fan, cooling fan, and other home appliances with remote control, timer and/or output level control PIN CONFIGURATION SC2128C 20 19 18 17 5 6 7 8 16 15 14 13 12 11 10 9 NC REMOTE OSCI OSCO VDD OFF/BUZZ SPEED MODE LORD COM LED3 LED2 LED1 LIT SO1 TIMER 1 2 3 4 24 23 22 21 SO2 ST MI LO NC VSS LIGHT SW1 |
Similar Part No. - SC2128C-C42S |
|
Similar Description - SC2128C-C42S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |