Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4022V11WS11 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4022V11WS11
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4022V11WS11 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM4022V11WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4022V11WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright
 2002, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
EM4022
Data Encoder
The transmitted code always consists of an 11 bit
preamble followed by the 64 code bits. The preamble
consists of 8 start bits (ZEROES), followed by a SYNCH.
The SYNCH consists of a LOW for two bit periods
followed by a ONE.
The EM4022 can be programmed for one of two data
encoding methods. The first method is a variation on
Manchester II, i.e. a ONE is represented by a HIGH in
the first half of a bit period, and a ZERO is represented
by a LOW in the first half of a bit period.
The second encoding method is called GLITCH
encoding. A ONE is represented by a HIGH in the first
quarter of the bit period, while a ZERO is represented by
a HIGH in the third quarter of the bit period.
In GLITCH encoding the longest modulation period is
one quarter of a bit period, compared to the Manchester
encoding, where the longest modulation period is one full
bit period. GLITCH encoding therefore requires a much
smaller power storage capacitor.
Data Encoding
Fig. 8
ROM programming
The EM4022 contains three laser fuse ROM blocks that
are pre-programmed by the foundry.
CODE ID ROM
This ROM contains the 64 bit ID code. The foundry will
automatically program a unique 48 bit ID and 16 bit
CRC. In this case the most significant bit of the ID is
programmed into bit 0 of the ROM, which will be
transmitted first.
CONTROL ROM
The operational modes of the EM4022 are pre-
programmed into the CONTROL ROM. The contents of
this one is not read out.
CRC Block Diagram
CRC-CCITT Generating polynomial = X15 + X2 + X0
Fig.9
15
14 13 12 11 10 9 8 7 6 5 4 3 2
1 0
X
X15
MSB
X2
LSB
X0
Exclusive OR
Shift Register
Data Input
Feedback before shift
"0""0""1"


Similar Part No. - EM4022V11WS11

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EM402 LEADSHINE-EM402 Datasheet
738Kb / 6P
   20-40V, 0.07-2A, Sensorless Stall Detection, Pre-Matching Motor
logo
Soberton Inc.
EM4020-BC SOBERTON-EM4020-BC Datasheet
389Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
logo
List of Unclassifed Man...
EM402M1612VTA ETC2-EM402M1612VTA Datasheet
822Kb / 18P
   16Mb ( 2Banks ) Synchronous DRAM
More results

Similar Description - EM4022V11WS11

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
   Crypto Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
   2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com