Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL4016-2PQ240M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL4016-2PQ240M
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4016-2PQ240M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL4016-2PQ240M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016-2PQ240M Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
8-45
Military QuickRAM
Rev A
Pinout Table 256-Pin CPGA
256
CPGA
Function
256
CPGA
Function
256
CPGA
Function
256
CPGA
Function
256
CPGA
Function
256
CPGA
Function
A1
VCC
C4
I/O
E19
I/O
L2
GCLK / I
T17
I/O
V20
I/O
A2
I/O
C5
I/O
E20
VCC
L3
GND
T18
I/O
W1
I/O
A3
VCC
C6
I/O
F1
I/O
L4
I/O
T19
I/O
W2
I/O
A4
I/O
C7
I/O
F2
GND
L17
GCLK / I
T20
I/O
W3
I/O
A5
I/O
C8
I/O
F3
I/O
L18
I/O
U1
I/O
W4
I/O
A6
I/O
C9
I/O
F4
I/O
L19
VCC
U2
I/O
W5
GND
A7
I/O
C10
I/O
F17
I/O
L20
ACLK / I
U3
I/O
W6
I/O
A8
I/O
C11
VCC
F18
GND
M1
VCC
U4
I/O
W7
I/O
A9
I/O
C12
I/O
F19
I/O
M2
I/O
U5
I/O
W8
I/O
A10
GND
C13
I/O
F20
I/O
M3
I/O
U6
I/O
W9
I/O
A11
I/O
C14
I/O
G1
I/O
M4
I/O
U7
I/O
W10
I/O
A12
I/O
C15
I/O
G2
I/O
M17
I/O
U8
I/O
W11
GND
A13
I/O
C16
I/O
G3
I/O
M18
I/O
U9
I/O
W12
I/O
A14
I/O
C17
I/O
G4
I/O
M19
I/O
U10
VCC
W13
VCCIO
A15
I/O
C18
I/O
G17
I/O
M20
I/O
U11
I/O
W14
I/O
A16
I/O
C19
I/O
G18
I/O
N1
I/O
U12
I/O
W15
I/O
A17
I/O
C20
I/O
G19
I/O
N2
I/O
U13
I/O
W16
I/O
A18
GND
D1
VCC
G20
I/O
N3
I/O
U14
I/O
W17
I/O
A19
I/O
D2
I/O
H1
I/O
N4
I/O
U15
I/O
W18
I/O
A20
TCK
D3
I/O
H2
I/O
N17
I/O
U16
I/O
W19
TRSTB
B1
I/O
D4
I/O
H3
I/O
N18
I/O
U17
I/O
W20
I/O
B2
I/O
D5
I/O
H4
I/O
N19
I/O
U18
I/O
Y1
TDI
B3
I/O
D6
I/O
H17
I/O
N20
GND
U19
I/O
Y2
I/O
B4
GND
D7
I/O
H18
I/O
P1
I/O
U20
I/O
Y3
I/O
B5
I/O
D8
I/O
H19
I/O
P2
I/O
V1
I/O
Y4
VCC
B6
I/O
D9
I/O
H20
I/O
P3
VCC
V2
I/O
Y5
I/O
B7
I/O
D10
I/O
J1
I/O
P4
I/O
V3
I/O
Y6
I/O
B8
VCCIO
D11
I/O
J2
I/O
P17
GND
V4
I/O
Y7
I/O
B9
I/O
D12
I/O
J3
GND
P18
I/O
V5
I/O
Y8
I/O
B10
VCC
D13
I/O
J4
I/O
P19
I/O
V6
I/O
Y9
I/O
B11
I/O
D14
I/O
J17
I/O
P20
I/O
V7
I/O
Y10
I/O
B12
GND
D15
I/O
J18
VCC
R1
I/O
V8
I/O
Y11
I/O
B13
I/O
D16
I/O
J19
GND
R2
I/O
V9
VCC
Y12
I/O
B14
I/O
D17
STM
J20
VCC
R3
GND
V10
GND
Y13
I/O
B15
I/O
D18
I/O
K1
ACLK / I
R4
I/O
V11
I/O
Y14
I/O
B16
VCC
D19
I/O
K2
VCC
R17
I/O
V12
I/O
Y15
I/O
B17
I/O
D20
I/O
K3
GND
R18
VCC
V13
I/O
Y16
I/O
B18
GND
E1
I/O
K4
GCLK / I
R19
I/O
V14
I/O
Y17
VCC
B19
I/O
E2
I/O
K17
I/O
R20
I/O
V15
GND
Y18
I/O
B20
I/O
E3
I/O
K18
I/O
T1
I/O
V16
I/O
Y19
I/O
C1
I/O
E4
I/O
K19
GCLK / I
T2
I/O
V17
GND
Y20
I/O
C2
I/O
E17
I/O
K20
GCLK / I
T3
I/O
V18
TMS
C3
TDO
E18
I/O
L1
GCLK / I
T4
VCC
V19
I/O
PINOUT TABLE 256-PIN CPGA


Similar Part No. - QL4016-2PQ240M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016-2PF100C ETC-QL4016-2PF100C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-2PF100I ETC-QL4016-2PF100I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-2PF100M ETC-QL4016-2PF100M Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-2PF144C ETC-QL4016-2PF144C Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-2PF144I ETC-QL4016-2PF144I Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results

Similar Description - QL4016-2PQ240M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
   16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com