Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4056 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4056
Description  2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4056 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM4056 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EM4056
Copyright
© 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
Add
Add command to add one 16-bit data word to another 16-bit data word pointed by the specified address, this command
writes the sum at the specified address. It is possible to add a value to an already protected memory location that has been
protected against reading, but not to a memory location that has been protected against writing attempts.
1 bit
4 bits
MSB
8 bits
MSB
16 bits
MSB
8 bits
X8
Reader
Start
Add
Address
Datas
CRC
2 bits
8 bits
X8
Transponder
twp WOk nWOk
CRC
Fig. 14
Comp
Compares a 16 bits data word with another word pointed by the specified address.
It is possible to perform a comparison with a value pointed by a read protected address.
But it is impossible to compare a value with another one in the opaque area without entering the PIN. In the case of PIN
violation, the result of the comparison is always false.
Ega=1, comparison successful.
1 bit
4 bits
MSB
8 bits
MSB
16 bits
MSB
8 bits
X8
Reader
Start
Comp
Address
Datas
CRC
2 bits
8 bits
X8
Transponder
trp
Ega nEga
CRC
Fig. 15
Login
Compares a 16 bit data word with the PIN word at the address 127.
When a PIN comparison is made (Adr 127) and the identity is established, a write operation occurs in the EEPROM, PIN =
CONF , the success bit is released (SUC = 0), the PIN counter is decremented (PIN = PIN - 1) and the corresponding new
value is written in the EEPROM.
After n erroneous attempts (PIN=0), the ALM bit is set (ALM = 1), and written in the EEPROM. Since that moment the entire
memory is irreversibly locked. The unprotected data words (Rp=0) remain accessible for reading the information they are
containing.
1 bit
4 bits
MSB LSB
16 bits
MSB LSB
8 bits
X8
1
Reader
Start
Login
Datas
CRC
4 bits
8 bits
X8
1
Transponder
twp Ega nEga WOk nWOk
CRC
Fig. 16
Ega=1, password ok. Wok=1, writing operation successful.


Similar Part No. - EM4056

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
More results

Similar Description - EM4056

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
   1KBIT Read/Write Contactless Identification Device with anticollision
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
   1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
   128 bit Read/Write Contactless Identification Device with OTP function
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com