Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F573D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N74F573D
Description  Octal transparent latch 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F573D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button N74F573D Datasheet HTML 4Page - NXP Semiconductors N74F573D Datasheet HTML 5Page - NXP Semiconductors N74F573D Datasheet HTML 6Page - NXP Semiconductors N74F573D Datasheet HTML 7Page - NXP Semiconductors N74F573D Datasheet HTML 8Page - NXP Semiconductors N74F573D Datasheet HTML 9Page - NXP Semiconductors N74F573D Datasheet HTML 10Page - NXP Semiconductors N74F573D Datasheet HTML 11Page - NXP Semiconductors N74F573D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F573/74F574
Latch/flip-flop
1989 Oct 16
8
AC WAVEFORMS
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
tW(H)
E, CP
Qn
VM
VM
VM
VM
VM
1/fMAX
tW(L)
tPLH
tPHL
SF01081
Waveform 1. Propagation Delay, Clock and Enable Inputs
to Output, Enable, Clock Pulse Widths,
and Maximum Clock Frequency
VM
VM
VM
tPHL
Dn
VM
tPLH
SF01082
Qn
Waveform 2. Propagation Delay for Data to Outputs
th(H)
ts(H)
CP
SF00191
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
Dn
Waveform 3. Data Setup and Hold Times
E
Dn
VM
VM
VM
VM
VM
VM
ts(L)
ts(H)
th(L)
th(H)
SF00992
Waveform 4. Data Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
OE
Qn
SF00343
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
Qn
OE
SF00344
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Similar Part No. - N74F573D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F579D PHILIPS-N74F579D Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
N74F579N PHILIPS-N74F579N Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
More results

Similar Description - N74F573D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal transparent Latch, 3-state
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT LATCH, 3-STATE
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
   Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
   Octal 3-State Noninverting Transparent Latch
logo
Integral Corp.
IN74ACT373 INTEGRAL-IN74ACT373 Datasheet
230Kb / 5P
   OCTAL 3-STATE NONINVERTING TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com