Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4006F9WS11E Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM4006F9WS11E
Description  13.56 MHz 64 Data bit Read Only Contactless Identification Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4006F9WS11E Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM4006F9WS11E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4006F9WS11E Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EM4006
Copyright
 2001, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
Pad Description
Name
Description
C2
connection to antenna
C1
connection to antenna
VDD
positive supply
Tout
test output
TESTn
test input with pull up
VSS
negative supply
Package Information
F
F
g
C2
C1
MARKING
AREA
D
A
B
e
J
K
FRONT VIEW
TOP VIEW
R
Y
X
Z
SYMBOL
MIN
TYP
MAX
X8.0
Y4.0
Z1.0
Dimensions are in mm
Dimensions are in mm
CID Package
PCB Package
C2
C1
SYMBOL
MIN
TYP
MAX
A
8.2
8.5
8.8
B
3.8
4.0
4.2
D
5.8
6.0
6.2
e
0.38
0.5
0.62
F
1.25
1.3
1.35
g
0.3
0.4
0.5
J
0.42
0.44
0.46
K
0.115
0.127
0.139
R
0.4
0.5
0.6
Fig. 9
Fig. 10
Pad position
EM4006
All dimensions in
µm
Y
X
1041
1600
152
316
14
740
325
1144
1124
C1, C2 pad size : 95 X 95
Other pads size : 76 X 76
772
513
Fig. 11


Similar Part No. - EM4006F9WS11E

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM400X EPCOS-EM400X Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - EM4006F9WS11E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com