Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4006F9WS21E Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM4006F9WS21E
Description  13.56 MHz 64 Data bit Read Only Contactless Identification Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4006F9WS21E Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM4006F9WS21E Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4006F9WS21E Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EM4006
Copyright
 2001, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Maximum DC Current forced
on COIL1 and COIL2
ICMAX
±30mA
Power Supply
VDD
-0.3V to 7.5V
Storage Temp. Die form
Storage Temp. PCB form
Tst
Tst
-55 to +200°C
-55 to +125°C
Electrostatic discharge
maximum to MIL-STD-883C
method 3015
VESD
2000V
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability
or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages
or
electric
fields;
however,
anti-static
precautions must be taken as for any other CMOS
component. Unless otherwise specified, proper operation
can only occur when all terminal voltages are kept within
the voltage range. Unused inputs must always be tied to
a defined logic voltage level.
Operating Conditions
Parameter
Symb
Min
Typ
Max Units
Operating Temp.
Maximum Coil
Current
AC Voltage on Coil
Supply Frequency
Top
Icoil
Vcoil
fcoil
-40
-10
3
10
14*
13.56
+85
10
15
°C
mA
Vpp
MHz
*) The AC Voltage on Coil is limited by the on chip
voltage limitation circuitry. This is according to the
parameter Icoil.
System Principle
Antenna
Driver
Oscillator
Demodulator
Filter
and
Gain
Data decoder
Data received
from transponder
Tranceiver
Transponder
Coil1
Coil2
EM4006
Signal on coils
Transponder coil
Transeiver coil
RF Carrier
Data
Fig. 3


Similar Part No. - EM4006F9WS21E

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM400X EPCOS-EM400X Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - EM4006F9WS21E

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
   Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com