Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-MSMD014 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-MSMD014
Description  PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMD014 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-MSMD014 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMD014 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMD014 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMD014 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23 °C
at 23 °C
at 23 °C
at 23 °C
at 23 °C
Volts
Amps
Hold
Trip
RMin.
R1Max.
Typ.
MF-MSMD010
60.0
40
0.10
0.30
0.70
15.00
0.5
1.5
1.0
MF-MSMD014
60.0
40
0.14
0.34
0.40
6.50
1.5
0.15
1.0
MF-MSMD020
30.0
80
0.20
0.40
0.40
6.00
6.0
0.06
1.0
MF-MSMD030
30.0
10
0.30
0.60
0.30
3.00
8.0
0.10
1.2
MF-MSMD050
15.0
100
0.50
1.00
0.15
1.00
8.0
0.15
1.2
MF-MSMD075
13.2
100
0.75
1.50
0.11
0.45
8.0
0.20
1.2
MF-MSMD110
6.0
100
1.10
2.20
0.04
0.21
8.0
0.30
1.2
MF-MSMD125
6.0
100
1.25
2.50
0.035
0.14
8.0
0.4
1.5
MF-MSMD150
6.0
100
1.50
3.00
0.03
0.120
8.0
0.5
1.5
MF-MSMD160
8.0
100
1.60
2.80
0.035
0.099
8.0
2.0
1.5
MF-MSMD200
6.0
100
2.00
4.00
0.020
0.100
8.0
3.0
1.5
MF-MSMD260
6.0
100
2.60
5.20
0.015
0.080
8.0
5.0
1.5
Operating/Storage Temperature ........................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change
Humidity Aging....................................................+85 °C, 85 % R.H. 1000 hours....................±5 % typical resistance change
Thermal Shock ....................................................+85 °C to -40 °C, 20 times ..........................±10 % typical resistance change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech.....................................Verify dimensions and materials ....................................Per MF physical description
Resistance ......................................In still air @ 23 °C ............................................................Rmin ≤ R ≤ R1max
Time to Trip ....................................At specified current, Vmax, 23 °C ..................................T ≤ max. time to trip (seconds)
Hold Current....................................30 min. at Ihold ..............................................................No trip
Trip Cycle Life ................................Vmax, Imax, 100 cycles ..................................................No arcing or burning
Trip Endurance ................................Vmax, 48 hours ..............................................................No arcing or burning
Solderability ....................................MIL-STD-202F, Method 208F..........................................95 % min. coverage
UL File Number ..................................E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
CSA File Number ................................CA110338
http://directories.csa-international.org/ Under “Certification Record” and “File Number” enter 110338-0-000
TÜV Certificate Number......................R 02057213
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213
Test Procedures And Requirements For Model MF-MSMD Series
MF-MSMD Series - PTC Resettable Fuses
Features
4.5 mm SMD
Fast tripping resettable circuit protection
Surface mount packaging for automated
assembly
Reduced component size and resistance
Agency recognition:
Applications
High Density Circuit Board Applications:
Hard disk drives
PC motherboards
PC peripherals
Point-of-sale (POS) equipment
PCMCIA cards
TV Rheinland


Similar Part No. - MF-MSMD014

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMD014 BOURNS-MF-MSMD014 Datasheet
229Kb / 4P
   PTC Resettable Fuses
More results

Similar Description - MF-MSMD014

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com