Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4102B5WW7 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4102B5WW7
Description  Read Only Contactless Identification Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4102B5WW7 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4102B5WW7 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4102B5WW7 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4102B5WW7 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4102B5WW7 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4102B5WW7 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4102B5WW7 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4102B5WW7 Datasheet HTML 7Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
R
EM4102
Copyright © 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Memory Array for PSK encoding ICs
The PSK coded IC's are programmed with odd parity for
P0 and P1 and always with a logic zero.
The parity bits from P2 to P9 are even.
The column parity PC0 to PC3 are calculated including
the version bits and are even parity bits.
Code Description
Manchester
There is always a transition from ON to OFF or from OFF
to ON in the middle of bit period. At the transition from
logic bit “1” to logic bit “0” or logic bit “0” to logic bit “1” the
phase change.
Value high of data stream presented
below modulator switch OFF, low represents switch ON
(see Fig. 6).
Biphase Code
At the beginning of each bit, a transition will occur. A logic
bit “1” will keep its state for the whole bit duration and a
logic bit “0” will show a transition in the middle of the bit
duration (see Fig. 7).
PSK Code
Modulation switch goes ON and OFF alternately every
period of carrier frequency. When a phase shift occurs, a
logical "0" is read from the memory. If no shift phase
occurs after a data rate cycle, a logical "1" is read (see
Fig. 8).
Manchester Code
X
1
1
1
1
1
1
1
1
1
0
1
0
1
0
0
0
1
1
0
Modulation control "low" means high current
Binary data
Memory output
Modulator control
Fig. 6
Biphase Code
0
1
10
1001
Binary data
Memory output
Modulator control
Modulation control "low" means high current
Fig. 7
PSK Code
"0" ON SERIAL OUT
"1" ON SERIAL OUT
Modulator control
COIL1
Serial Data Out
Modulation control "low" means high current
Fig. 8


Similar Part No. - EM4102B5WW7

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
More results

Similar Description - EM4102B5WW7

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
   READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
   Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
   Read only Contactless Identification Device
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
   Read Only Contactless Identification Device with Anticollision
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
   13.56MHz 64 Data bit Read Only Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
   64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
   512 bit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com