Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC179AP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC179AP
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC179AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LBC179AP Datasheet HTML 5Page - Texas Instruments SN65LBC179AP Datasheet HTML 6Page - Texas Instruments SN65LBC179AP Datasheet HTML 7Page - Texas Instruments SN65LBC179AP Datasheet HTML 8Page - Texas Instruments SN65LBC179AP Datasheet HTML 9Page - Texas Instruments SN65LBC179AP Datasheet HTML 10Page - Texas Instruments SN65LBC179AP Datasheet HTML 11Page - Texas Instruments SN65LBC179AP Datasheet HTML 12Page - Texas Instruments SN65LBC179AP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SN65LBC179A, SN75LBC179A
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS377C – MAY 2000 – REVISED JUNE 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
3.5
3
2.5
2
0
–10
–20
–30
–40
–50
–60
4
4.5
I
– High-Level Output Current – (mA)
DRIVER HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
–70
–80
OH
1.5
1
0.5
0
VCC = 4.75 V
VCC = 5 V
VCC = 5.25 V
1.5
1
0.5
0
–40
0
25
70
85
2
Average Case Temperature – C
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs
AVERAGE CASE TEMPERATURE
°
Figure 10
Figure 11
13.5
13.4
13.3
12.9
–40
0
25
13.6
13.7
Case Temperature C
RECEIVER PROPAGATION TIME
vs
CASE TEMPERATURE
13.8
70
80
°
13.1
13
13.2
6.8
6.6
6.4
6.2
–40
0
25
70
7
7.2
Case Temperature – C
DRIVER PROPAGATION DELAY TIME
vs
CASE TEMPERATURE
7.4
85
°
6
5.8
5.6
Figure 12
Figure 13


Similar Part No. - SN65LBC179AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179AP TI1-SN65LBC179AP Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179AP TI-SN65LBC179AP Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179APE4 TI1-SN65LBC179APE4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179APE4 TI-SN65LBC179APE4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC179AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com