Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z201 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Z201
Description  Ultra-Performance Aerospace and Instrumentation Resistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z201 Datasheet(HTML) 1 Page - Vishay Siliconix

  Z201 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Z201
Vishay Foil Resistors
www.vishay.com
68
Document Number 63065
Revision 09-Oct-02
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.42.729.0661 FAX: +81.42.729.3400
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
Stability
Load Life at 2,000 Hrs
± 0.005% Max ∆R @ 0.1W/+ 70°C
± 0.015% Max ∆R @ 0.3W/+ 125°C
Load Life at 10,000 Hrs
± 0.01% Max ∆R @ 0.05W/+ 125°C
± 0.05% Max ∆R @ 0.3W/+ 125°C
Shelf Life Stability
± 0.0025% Max ∆R after 1 year
± 0.005% Max ∆R after 3 years
Current Noise
0.010
µV (RMS)/Volt of applied
voltage (- 40 dB)
High Frequency Operation
Rise/Decay Time
1.0 nanosecond @ 1K
Inductance (L)
0.1
µH maximum; 0.08µH typical
Capacitance (C)
1.0pF maximum; 0.5pF typical
Voltage Coefficient
< 0.1ppm/V
Thermal EMF
0.1
µV/°C Max; 0.05µV/°C Typical
FIGURE 1 - NOMINAL TCR
Ultra-Performance Aerospace and
Instrumentation Resistor
FEATURES
• Industry Breakthrough
• Nominal TCR: 0.2ppm/
°C MIL range*
• Load Life Stability: 0.005% 2000 Hrs @ 0.1Watt
• Absolute Tolerance: To 0.005%
• Resistance Range: 100
Ω to 100KΩ
• Power Rating: 0.6Watts @ 70
°C (0.3 Watts @ 125°C)
• Current Noise: 0.010
µV/V (RMS)
• Thermal EMF: 0.1
µV/°C Max; 0.05 Typical
• Rise/Decay Time: 1.0 Nanosecond @ 1K
RESISTANCE
LETTER
MULTIPLIER
EXAMPLE
RANGE
DESIGNATOR
FACTOR
100
Ω to <1KΩ
R
x1
100R01 = 100.01
1K
Ω to <100KΩ
K
x103
15K231 =15,231
FIGURE 2 - STANDARD IMPRINTING AND DIMENSIONS
in inches (millimeters)
The TCR is obtained by the process capability and
does not rely on a selection process. It does not vary
from lot to lot nor by ohmic value.
Ambient Temperature (
°C)
+100
+50
0
-50
-100
-50
-25
0
+25
-55
+50
+75
+100
+125
∆R
R
(PPM)
0.2PPM/˚C
*TCR
0.1ppm/
°C Nominal (0°C to 60°C)
0.2ppm/
°C Nominal (- 55°C to + 125°C)
0.8ppm/
°C Maximum (- 55°C to + 125°C)
TABLE 1 - Z201 SPECIFICATIONS
0.150
(3.81)
VISHAY
XXXX
Z201
0.020 (0.5)
0.413
(10.5)
0.350 (8.9)
0.138 (3.5)
ø 0.025 (0.64) #22 AWG
Lead Material - Solder Coated Copper
Resistance
Value Code
XXXXXX
250R00
0.01%
0.75 (19.1) MIN
Model Number
Date Code
Optional Customer P/N
Print spec., etc. if required
Tolerance
0.040
±0.005
Tolerance
± 0.008 (0.2)
Z201 Lead Spacing = 0.150*
Z201L Lead Spacing = 0.200*
Front View
Rear View
ORDERING INFORMATION “Z” RESISTORS:
Please specify Vishay “Z” resistors as follows: (See Imprinting
Illustration and Table 1 for further details.)
Example:
Z201
250R00
0.01%
MODEL NO. RESISTANCE VALUE
TOLERANCE
Resistance Value, in ohms, is expressed by a series of 6 characters,
5 of which represent significant digits while the 6th is a dual purpose
letter that designates both the multiplier and the location of the comma
or decimal point.
The Z201 (0.150 lead spacing) and Z201L (0.200 lead spacing)
Bulk Metal
® Foil resistors represent an industry breakthrough.
This is the 3rd in a series of ultra-precision resistors since the
first Bulk Metal
® Foil resistor was introduced by Vishay in 1962.
Each represents an improvement on the earlier model. The
TCR slope of the Z201 is 0.2ppm/
°C (MIL range) and is an
order of magnitude better than the original S102C. The Bulk
Metal
® Foil resistor is the ultimate choice in the most demanding
analog applications.
Product may not
be to scale


Similar Part No. - Z201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
logo
List of Unclassifed Man...
Z2010U ETC2-Z2010U Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z2012 ETC2-Z2012 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
Z201250R00AB VISHAY-Z201250R00AB Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
Z201250R00BB VISHAY-Z201250R00BB Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
More results

Similar Description - Z201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
logo
Integrated Circuit Syst...
MN2200 ICST-MN2200 Datasheet
1,020Kb / 6P
   High-performance Instrumentation Amplifier
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
   High-performance Instrumentation Amplifier
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
   Ideal resistor for precision instrumentation
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
TE Connectivity Ltd
EN2997 TEC-EN2997 Datasheet
1Mb / 20P
   HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
logo
Aeroflex Circuit Techno...
OPTAN250H AEROFLEX-OPTAN250H Datasheet
1Mb / 8P
   High Performance UVC LEDs for Instrumentation
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com