Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSP4422ACX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZSP4422ACX
Description  Electroluminescent Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZSP4422ACX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ZSP4422ACX Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSP4422ACX Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSP4422ACX Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSP4422ACX Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSP4422ACX Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSP4422ACX Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSP4422ACX Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSP4422ACX Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Zywyn Corporation
ZSP4422A
8
March 2004
rev. 01
Zywyn
Package Information
Zywyn Corporation
Headquarters and Sales Office
1270 Oakmead Parkway, Suite 201 • Sunnyvale, CA 94085 • Tel: (408) 733-3225 • Fax: (408) 733-3206
Email: sales@zywyn.com • www.zywyn.com
Zywyn Corporation reserves the right to make changes to any products described herein. Zywyn does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
© 2003 Zywyn Corporation
400 ZSP4422ACX die per wafflepack
Waffle tray size = 1996 x 1996 mils
Waffle pocket size cavity = 60 x 70 mils
Waffle depth size cavity = 22 mils
P
W
1
0.013
±0.005
ZSP4422ACU
0.0256
BSC
0.118
±0.002
0.020
2
0.020
0.116
±0.004
0.034
±0.002
0.040
± 0.002
0.004
±0.002
0.118
±0.002
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.16
±0.003
0.0965
±0.003
0.116
±0.004
1
0.228/0.244
0.150/0.157
0.189/0.197
0.014/0.019
0.050 BSC
0.053/0.069
ZSP4422ACN
Minimum qty per reel
Standard qty per reel
Maximum qty per reel
500
2500
3000
95 ZSP4422ACN per tube
nSOIC-8 13" reels: P=8mm, W=12mm
MSOP-8 13" reels: P=8mm, W=12mm
8-pin nSOIC
All package dimensions in inches
50 ZSP4422ACU per tube
8-pin MSOP
Pkg.
ACN and ACU


Similar Part No. - ZSP4422ACX

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
ZSP400 LSI-ZSP400 Datasheet
63Kb / 2P
   Highly Efficient Quad-MAC DSP Core
More results

Similar Description - ZSP4422ACX

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
   Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com